Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFS6N90 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFS6N90
Description  900V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS6N90 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFS6N90 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS6N90 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS6N90 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS6N90 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS6N90 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS6N90 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS6N90 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
◎ SEMIHOW REV.A0,Dec 2005
2
1
3
BV
DSS = 900 V
R
DS(on) typ = 1.95 Ω
I
D = 6.0 A
 Originative New Design
 Superior Avalanche Rugged Technology
 Robust Gate Oxide Technology
 Very Low Intrinsic Capacitances
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 35 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 1.95 Ω (Typ.) @VGS=10V
 100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
HFS6N90
900V N-Channel MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
900
V
I
D
Drain Current
– Continuous (T
C = 25℃)
6.0*
A
Drain Current
– Continuous (T
C = 100℃)
3.8*
A
I
DM
Drain Current
– Pulsed
(Note 1)
24*
A
V
GS
Gate-Source Voltage
±30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
650
mJ
I
AR
Avalanche Current
(Note 1)
6.0
A
E
AR
Repetitive Avalanche Energy
(Note 1)
16.7
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
C = 25℃)
- Derate above 25℃
56
W
0.48
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
℃
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
2.25
℃/W
RθJA
Junction-to-Ambient
--
62.5
Dec 2005
* Drain current limited by maximum junction temperature
TO-220F
1.Gate 2. Drain 3. Source


Similar Part No. - HFS6N90

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
HFS6N90 DOINGTER-HFS6N90 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - HFS6N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
900V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM2N90 KERSEMI-KSM2N90 Datasheet
1Mb / 7P
900V N-CHANNEL MOSFET
KSMB2N90 KERSEMI-KSMB2N90 Datasheet
1Mb / 8P
900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N90Z SEMIHOW-HFH10N90Z Datasheet
250Kb / 10P
900V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR2N90BPG FOSTER-FIR2N90BPG Datasheet
3Mb / 9P
900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
900V N-Channel MOSFET
SLW9N90C MAPLESMI-SLW9N90C Datasheet
173Kb / 6P
900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com