Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCDR575047-331 Datasheet(PDF) 6 Page - Productwell Precision Elect.CO.,LTD

Part # SCDR575047-331
Description  UNSHIELDED SMD CHIP CHOKES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SCDR575047-331 Datasheet(HTML) 6 Page - Productwell Precision Elect.CO.,LTD

  SCDR575047-331 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD SCDR575047-331 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD SCDR575047-331 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD SCDR575047-331 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD SCDR575047-331 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD SCDR575047-331 Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
l PACKING
1.
SCDR321618/322520 SERIES
DIMENSIONS (UNIT :mm)
MINIMUM QTY(PCS)
PART NO
A
B
C
D
Φ178mm/REEL
Φ330mm/REEL
PQSH321618
1.9
3.6
2.0
0.2
1000
3000
PQSH322520
2.9
3.6
2.1
0.2
750
2500
2. SCDR453226/575047 SERIES
DIMENSIONS (UNIT :mm)
MINIMUM QTY(PCS)
PART NO
A
B
C
D
Φ178mm/REEL
Φ330mm/REEL
SCDR453226
3.6
4.9
2.7
0.3
500
2000
SCDR575047
5.4
6.1
5.0
0.4
200
1000
SCDR SERIES
UNSHIELDED SMD CHIP CHOKES
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
37
DIRECTION OF FEED
2.0 0,1
∮
4.0 0,1
∮
8.0 0,1
∮
D
C
A
A
C
D
8.0 0,1
∮
4.0 0,1
∮
2.0 0,1
∮
DIRECTION OF FEED



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com