Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS6732 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6732
Description  300mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6732 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6732 Datasheet HTML 1Page - Silicon Standard Corp. SS6732 Datasheet HTML 2Page - Silicon Standard Corp. SS6732 Datasheet HTML 3Page - Silicon Standard Corp. SS6732 Datasheet HTML 4Page - Silicon Standard Corp. SS6732 Datasheet HTML 5Page - Silicon Standard Corp. SS6732 Datasheet HTML 6Page - Silicon Standard Corp. SS6732 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.SiliconStandard.com
2 of 7
SS6732
n ORDERING INFORMATION
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
X: SOT-89
OUTPUT VOLTAGE
33: 3.3V
34: 3.4V
35: 3.5V
36: 3.6V
37: 3.7V
38: 3.8V
50: 5.0V
52: 5.2V
Example: SS6732-33CXTR
à 3.3V Version, in SOT-89 Package
in Tape & Reel Packing
PIN CONFIGURATION
SOT-89
FRONT VIEW
1. GND
2. VIN
3. VOUT
1
2
3
n ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage...................................................………… ..…… .................... -0.3~12V
Operating Junction Temperature Range .....……… ........………… ................ -40
°C~ 125°C
Storage Temperature Range ....................…… ......................……… .............. -65
°C~150°C
Power Dissipation
SOT-89 Package ....… ...… ................. 0.5W
n TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT
SS6732-XXCXXX
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com