Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS6735-27GETR Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6735-27GETR
Description  500mA Low Dropout Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6735-27GETR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6735-27GETR Datasheet HTML 1Page - Silicon Standard Corp. SS6735-27GETR Datasheet HTML 2Page - Silicon Standard Corp. SS6735-27GETR Datasheet HTML 3Page - Silicon Standard Corp. SS6735-27GETR Datasheet HTML 4Page - Silicon Standard Corp. SS6735-27GETR Datasheet HTML 5Page - Silicon Standard Corp. SS6735-27GETR Datasheet HTML 6Page - Silicon Standard Corp. SS6735-27GETR Datasheet HTML 7Page - Silicon Standard Corp. SS6735-27GETR Datasheet HTML 8Page - Silicon Standard Corp. SS6735-27GETR Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.SiliconStandard.com
3 of 9
SS6735G
1/15/2005 Rev.2.10
SOT-89 MARKING
SOT-223 MARKING
Part No.
GX
Part No.
GY
SS6735-18GX
CF18P
SS6735-18GY
CC18P
SS6735-20GX
CF20P
SS6735-20GY
CC20P
SS6735-25GX
CF25P
SS6735-25GY
CC25P
SS6735-27GX
CF27P
SS6735-27GY
CC27P
SS6735-30GX
CF30P
SS6735-30GY
CC30P
SS6735-33GX
CF33P
SS6735-33GY
CC33P
SS6735-35GX
CF35P
SS6735-35GY
CC35P
SS6735-37GX
CF37P
SS6735-37GY
CC37P
SS6735-38GX
CF38P
SS6735-38GY
CC38P
SS6735-50GX
CF50P
SS6735-50GY
CC50P
SS6735-52GX
CF52P
SS6735-52GY
CC52P
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage
-0.3 ~12V
Operating Temperature Range
-40°C~ 85°C
Storage Temperature Range
-65°C~150°C
Maximum Junction Temperature
125°C
Lead Temperature (Soldering) 10 sec.
260°C
Thermal Resistance Junction to Ambient
SOT-89 Package
160°C/W
(Assumes no ambient airflow, no heatsink)
TO-252 Package
100°C/W
SOT-23 Package
155°C/W
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT
180°C/W
SOT-223 Package



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com