Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS6802AGSTR Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6802AGSTR
Description  TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6802AGSTR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6802AGSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6802AGSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
02/26/2008 Rev.1.00
www.SiliconStandard.com
3
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Current in Normal Mode
VCC=7V, VC=3.5V
ICC
10
15
µA
Supply Current in Power-Down
Mode
VCC=4.8V, VC=2.4V
IPD
0.8
1.2
µA
VC Pin Input Current
VCC=7V, VC=3.5V
IC
400
600
nA
AIC1802A
4.32
4.35
4.38
AIC1802B
4.27
4.30
4.33
Overcharge Protection Voltage
AIC1802C
VOCP
4.22
4.25
4.28
V
Overcharge Release Voltage
VOCR
3.85
4.0
4.15
V
Overdischarge Protection
Voltage
VODP
2.25
2.4
2.55
V
Overdischarge Release Voltage
VODR
2.85
3.0
3.15
V
Overcurrent Protection Voltage
VCC=7V
VOIP
135
150
165
mV
Overcharge Delay Time (1)
VCC=8.6V, VC=4.3V,
CTC=0µF
TOC1
12
25
38
mS
Overcharge Delay Time (2)
VCC=8.6V, VC=4.3V,
CTC=0.47µF
TOC2
0.7
1.1
1.5
S
Overdischarge Delay Time (1)
VCC=4.8V, VC=2.4V,
CTD=0µF
TOD1
12
25
38
mS
Overdischarge Delay Time (2)
VCC=4.8V, VC=2.4V,
CTD=0.47µF
TOD2
0.7
1.1
1.5
S
Overcurrent Delay Time (1)
VCC=7V, VC=3.5V,
VCS=0.15V
TOI1
4
9
14
mS
Overcurrent Delay Time (2)
VCC=7V, VC=3.5V,
VCS=0.36V
TOI2
1.0
2.0
3.0
mS
OC Pin Source Current
VCC=8.6V, VC=4.3V,
OC Pin Short to GND
ICO
270
400
530
µA
OD Pin Output “H” Voltage
VDL
VCC-0.1 VCC-0.02
V
SS6802



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com