Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS6802BGSTR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6802BGSTR
Description  TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6802BGSTR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6802BGSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6802BGSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6802BGSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6802BGSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6802BGSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6802BGSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6802BGSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6802BGSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6802BGSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
02/26/2008 Rev.1.00
www.SiliconStandard.com
2
ORDERING INFORMATION
PIN CONFIGURATION
TOP VIEW
VC
VCC
OD
TD
GND
CS
TC
OC
1
3
4
2
8
6
5
7
SS6802XXXXX
PACKING TYPE
TR: TAPE & REEL
TB: TUBE
PACKAGE TYPE
S: SOP-8
G: LEAD FREE COMMERCIAL
OVERCHARGE PROTECTION
VOLTAGE
A: 4.35V
B: 4.30V
C: 4.25V
Example: SS6802AGSTR
4.35V version, in
SO-8 Lead Free
Package & Tape &
Reel Packing Type
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
....................................……………..................................................... 18V
DC Voltage Applied on VC, CS, OC, OD Pins ...............……………..............................
18V
DC Voltage Applied on TC, TD Pins ...............…………………..……..............................
5V
Operating Temperature Range
.......................................….………….............. -40
°C~85°C
Storage Temperature Range .........................………………….....................
- 65
°C~150°C
Junction Temperature
.........................…………………...................…………………
125
°C
Lead Temperature (Soldering 10s)
.........................…………………...................….
260
°C
Thermal Resistance Junction to Case
SOP-8
.........................………………
40
°C/W
Thermal Resistance Junction to Ambient
SOP-8
.........................……………
160
°C/W
(Assume no ambient airflow, no heatsink)
Absolute Maximum Rating are those value beyond which the life of a device may be impaired.
TEST CIRCUIT
+
+
VCC
VC
8
7
6
5
4
3
2
1
SS6802
OC
VCC
OD
CS
TD
VC
GND
TC
IC
VCS
CTC
VOD
ICO
ICC
CTD
SS6802



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com