Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS6804 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6804
Description  Three/Four-cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6804 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6804 Datasheet HTML 1Page - Silicon Standard Corp. SS6804 Datasheet HTML 2Page - Silicon Standard Corp. SS6804 Datasheet HTML 3Page - Silicon Standard Corp. SS6804 Datasheet HTML 4Page - Silicon Standard Corp. SS6804 Datasheet HTML 5Page - Silicon Standard Corp. SS6804 Datasheet HTML 6Page - Silicon Standard Corp. SS6804 Datasheet HTML 7Page - Silicon Standard Corp. SS6804 Datasheet HTML 8Page - Silicon Standard Corp. SS6804 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.SiliconStandard.com
3 of 12
SS6804
ELECTRICAL CHARACTERISTICS
(TA=25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP. MAX. UNIT
VCC Pin Input Current in Normal
Mode
VCELL=3.5V
ICC
17
26
µA
VC1 Pin Input Current in Normal
Mode
VCELL=3.5V
IC1
0.7
1.8
µA
VC2 Pin Input Current in Normal
Mode
VCELL=3.5V
IC2
0.4
1.0
µA
VC3 Pin Input Current in Normal
Mode
VCELL=3.5V
IC3
0.2
0.5
µA
Vcc Pin Input Current in Power-
Down Mode
VCELL=2.3V
ICC(PD)
2.2
4.0
µA
VC1,VC2,VC3 Input Current in
Power-Down Mode
VCELL=2.3V
IC(PD)
0.01
0.15
µA
SS6
804A
4.32
4.35
4.38
SS6
804B
4.27
4.30
4.33
SS6
804C
4.22
4.25
4.28
Overcharge Protection Voltage
SS6
804D
VOCP
4.17
4.20
4.23
V
Overcharge Hysteresis Voltage
VHYS
150
200
250
mV
Overdischarge Protection Voltage
VODP
2.27
2.40
2.53
V
Overdischarge Release Voltage
VODR
2.85
3.00
3.15
V
Overcurrent Protection Voltage
VCELL=3.5V
VOIP
135
150
165
mV
Overcharge Delay Time
VCELL1=VOCP - 30mV
→VOCP+30mV
VCELL2= VCELL3= VCELL4=
3.5V, CTC=1nF
TOC
10
21
32
mS
Overdischarge Delay Time
VCELL1= 2.5V→ 2.3V
VCELL2= VCELL3= VCELL4=
3.5V, CTD=1nF
TOD
10
21
32
mS
Overcurrent Delay Time (1)
VCELL= 3.5V,0.15V<VCC -
VCS <0.3V,CTI=2.2nF
TOI1
7
15
23
mS
12/29/2003 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com