Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X24F064PI Datasheet(PDF) 6 Page - Xicor Inc.

Part # X24F064PI
Description  SerialFlash TM Memory with Block Lock TM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F064PI Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X24F064PI Datasheet HTML 2Page - Xicor Inc. X24F064PI Datasheet HTML 3Page - Xicor Inc. X24F064PI Datasheet HTML 4Page - Xicor Inc. X24F064PI Datasheet HTML 5Page - Xicor Inc. X24F064PI Datasheet HTML 6Page - Xicor Inc. X24F064PI Datasheet HTML 7Page - Xicor Inc. X24F064PI Datasheet HTML 8Page - Xicor Inc. X24F064PI Datasheet HTML 9Page - Xicor Inc. X24F064PI Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
X24F064/032/016
6
Flow 1. ACK Polling Sequence
After the receipt of each byte, the five low order ad-
dress bits are internally incremented by one. The high
order bits of the sector address remain constant. If the
master should transmit more or less than 32 bytes prior
to generating the stop condition, the contents of the
sector cannot be guaranteed. All inputs are disabled
until completion of the internal program cycle. Refer to
Figure 5 for the address, acknowledge and data trans-
fer sequence.
Acknowledge Polling
The Max Write Cycle Time can be significantly reduced
using Acknowledge Polling. To initiate Acknowledge
Polling, the master issues a start condition followed by
the Slave Address Byte for a write or read operation. If
the device is still busy with the high voltage cycle, then
no ACK will be returned. If the device has completed
the write operation, an ACK will be returned and the
host can then proceed with the read or write operation.
Refer to Flow 1.
READ OPERATIONS
Read operations are initiated in the same manner as
program operations with the exception that the R/W bit
of the slave address is set HIGH. There are three basic
read operations: current address read, random read
and sequential read.
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read op-
eration, the master must either issue a stop condition
during the ninth cycle or hold SDA HIGH during the
ninth clock cycle and then issue a stop condition.
6686 ILL F09.1
PROGRAM OPERATION
COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS AND R/W = 0
ACK
RETURNED?
NEXT
OPERATION
A WRITE?
ISSUE SECTOR
ADDRESS
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com