Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS6863 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6863
Description  IR Preamplifier for Remote Control Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6863 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6863 Datasheet HTML 1Page - Silicon Standard Corp. SS6863 Datasheet HTML 2Page - Silicon Standard Corp. SS6863 Datasheet HTML 3Page - Silicon Standard Corp. SS6863 Datasheet HTML 4Page - Silicon Standard Corp. SS6863 Datasheet HTML 5Page - Silicon Standard Corp. SS6863 Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.SiliconStandard.com
1 of 6
SS6863
IR Preamplifier for Remote Control Systems
FEATURES
Only two external components required other
than the photodiode.
Easy to integrate into modules du
package size.
e to its small
Minimal chance of malfunction due to ambient
light.
Low power consumption.
Band-pass filter center frequency set using an
external resistor
Microcomputer compatible.
APPLICATIONS
IR remote control receivers for consumer
electronic products, such as TVs, VCRs,
VCD/DVD players, audio devices, electric fans,
air-conditioners, etc.
DESCRIPTION
The SS6863 is a high-performance infra-red
remote-control pre-amplifier, offering excellent
interference-suppression capability. The infra-red
pulses received by the photo-diode are processed
by the trans-impedance amplifier and amplified
by the AGC amplifier, limiter amplifier and
band-pass filter. The evaluation stages that follow,
including the comparator, Integrator and schmitt-
trigger, demodulate the transmitted digital signal.
Reduced sensitivity to external interference
is acheived by using short-term boost and long-
term control circuits to prevent Interference
from affecting the output.
TYPICAL APPLICATION CIRCUIT
Photo
Diode
C1
0 .1
µF
Vcc (+5V)
VOUT
110k
Ω (fo=38kHz)
R1
IN
SS6863
AGND
FO
DGND
OUT
NC
CA
7
6
5
4
3
2
1
VCC 8
IR Remote Control Receiver
Rev.2.02 11/6/2003


Similar Part No. - SS6863

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS68 FRONTIER-SS68 Datasheet
124Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS68 ASEMI-SS68 Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS68-LFR FRONTIER-SS68-LFR Datasheet
120Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802AGSTB SSC-SS6802AGSTB Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
More results

Similar Description - SS6863

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2320 STMICROELECTRONICS-TDA2320 Datasheet
52Kb / 5P
PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
Oct-1997
logo
Analog Intergrations Co...
AIC1863 AIC-AIC1863 Datasheet
112Kb / 8P
IR Preamplifier for Remote Control System
logo
TEMIC Semiconductors
U2535B TEMIC-U2535B Datasheet
71Kb / 6P
Preamplifier for IR Remote Control
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
IR-Receiver for Remote Control Systems
logo
Vishay Siliconix
VSOP383 VISHAY-VSOP383 Datasheet
225Kb / 8P
Preamplifier Circuit for IR Remote Control
12-Mar-12
VSOP584 VISHAY-VSOP584 Datasheet
224Kb / 8P
Preamplifier Circuit for IR Remote Control
11-Jan-12
VSOP38336 VISHAY-VSOP38336 Datasheet
242Kb / 9P
Preamplifier Circuit for IR Remote Control
17-May-16
VSOP98260 VISHAY-VSOP98260_16 Datasheet
232Kb / 8P
Preamplifier Circuit for IR Remote Control
17-May-16
VSOP383 VISHAY-VSOP383_V01 Datasheet
253Kb / 9P
Preamplifier Circuit for IR Remote Control
30-Jul-2021
VSOP98260 VISHAY-VSOP98260_V01 Datasheet
249Kb / 8P
Preamplifier Circuit for IR Remote Control
30-Jul-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com