Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X76F128LE Datasheet(PDF) 9 Page - Xicor Inc.

Part # X76F128LE
Description  Secure SerialFlash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F128LE Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X76F128LE Datasheet HTML 5Page - Xicor Inc. X76F128LE Datasheet HTML 6Page - Xicor Inc. X76F128LE Datasheet HTML 7Page - Xicor Inc. X76F128LE Datasheet HTML 8Page - Xicor Inc. X76F128LE Datasheet HTML 9Page - Xicor Inc. X76F128LE Datasheet HTML 10Page - Xicor Inc. X76F128LE Datasheet HTML 11Page - Xicor Inc. X76F128LE Datasheet HTML 12Page - Xicor Inc. X76F128LE Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
X76F128
9
Figure 9. Reset Password
Figure 10. Reset Device
Figure 11. Response to RESET (RST)
Reset Password
Reset
Password
7
Reset
Password
0
S
SDA
Wait tWC
OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
S
If ACK, then
Device reset
COMMAND
7052 FM 14
Reset Device
Reset
Password
7
Reset
Password
0
S
SDA
Wait tWC
OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
S
If ACK, then
Device reset
COMMAND
7052 FM 15
3
2 2
CS
SCK
SO
2
1
1
1
1
8
7
5
3
1
1
8 7
0
8
4
2
0
RST
7052 FM 16
"19"
"SS"
"28"
"
"
"AA"
LSB
LSB
LSB
LSB
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ......................–65
°C to +135°C
Storage Temperature ...........................–65
°C to +150°C
Voltage on any Pin with
Respect to VSS......................................–1V to +7V
D.C. Output Current.................................................. 5mA
Lead Temperature
(Soldering, 10 seconds)................................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
listed in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com