Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X76F128HE Datasheet(PDF) 11 Page - Xicor Inc.

Part # X76F128HE
Description  Secure SerialFlash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F128HE Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X76F128HE Datasheet HTML 7Page - Xicor Inc. X76F128HE Datasheet HTML 8Page - Xicor Inc. X76F128HE Datasheet HTML 9Page - Xicor Inc. X76F128HE Datasheet HTML 10Page - Xicor Inc. X76F128HE Datasheet HTML 11Page - Xicor Inc. X76F128HE Datasheet HTML 12Page - Xicor Inc. X76F128HE Datasheet HTML 13Page - Xicor Inc. X76F128HE Datasheet HTML 14Page - Xicor Inc. X76F128HE Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
X76F128
11
AC CHARACTERISTICS
AC Specifications (Over the recommended operating conditions)
Notes: 1.
Typical values are for TA = 25˚C and VCC = 5.0V
Notes: 2.
Cb = Total Capacitance of one bus line in pf.
Symbol
Parameter
Min
Typ(1)
Max
Units
fSCL
SCL Clock Frequency, X76F128
0
400
KHz
fSCL
SCH Clock Frequency, X76F128–2.7
0
250
KHz
tIN
(1)
Pulse width of spikes which must be suppressed by
the input filter
50
100
ns
tAA
SCL LOW to SDA Data Out Valid
0.1
0.3
0.9
µs
tBUF
Time the bus must be free before a new transmit
can start
1.3
µs
tLOW
Clock LOW Time
1.3
µs
tHIGH
Clock HIGH Time
0.6
µs
tSU:STA
Start Condition Setup Time
0.6
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tSU:DAT
Data In Setup Time
100
ns
tHD:DAT
Data In Hold Time
0
µs
tSU:STO
Stop Condition Setup Time
0.6
µs
tDH
Data Output Hold Time
50
300
ns
tR
SDA and SCL Rise Time
20 + 0.1 x Cb
(2)
300
ns
tF
SDA and SCL Fall Time
20 + 0.1 x Cb
(2)
300
ns
tSU:CS
CS Setup Time
200
ns
tHD:CS
CS Hold Time
100
ns
fSCL_RST
SCL Clock Frequency during Response to Reset
400
kHz
tSR
Device Select to RST active
200
ns
tNOL
RST to SCL Non-Overlap
500
ns
tRST
RST High Time
2.25
µs
tSU:RST
Response to Reset Setup Time
1.25
µs
tLOW_RST
Clock LOW during Response to Reset
1.25
µs
tHIGH_RST
Clock HIGH during Response to Reset
1.25
µs
tRDV
RST LOW to SDA Valid During Response to Reset
0
500
ns
tCDV
CLK LOW to SDA Valid During Response to Reset
0
500
ns
tDHZ
Device Deselect to SDA high impedance
0
500
ns
7052 FM T14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com