Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM20P02H Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SSM20P02H
Description  P-CHANNEL ENHANCEMENT-MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM20P02H Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SSM20P02H Datasheet HTML 1Page - Silicon Standard Corp. SSM20P02H Datasheet HTML 2Page - Silicon Standard Corp. SSM20P02H Datasheet HTML 3Page - Silicon Standard Corp. SSM20P02H Datasheet HTML 4Page - Silicon Standard Corp. SSM20P02H Datasheet HTML 5Page - Silicon Standard Corp. SSM20P02H Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.SiliconStandard.com
3 of 6
SSM20P02H,J
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
0
20
40
60
0246
-V DS , Drain-to-Source Voltage (V)
T C =25
o C
-4.5V
-4.0V
-3.5V
-3.0V
-2.5V
VGS= -2.0V
0
15
30
45
0
2.5
5
7.5
-V DS , Drain-to-Source Voltage (V)
T C =150
o C
-4.5V
-4.0V
-3.5V
-3.0V
-2.5V
VGS= -2.0V
0
40
80
120
160
0369
12
-V GS (V)
I D = -8A
T c =25 ℃
℃
℃
℃
0.2
0.8
1.4
2
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = -8A
V GS = -4.5V
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com