Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM20P02J Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM20P02J
Description  P-CHANNEL ENHANCEMENT-MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM20P02J Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM20P02J Datasheet HTML 1Page - Silicon Standard Corp. SSM20P02J Datasheet HTML 2Page - Silicon Standard Corp. SSM20P02J Datasheet HTML 3Page - Silicon Standard Corp. SSM20P02J Datasheet HTML 4Page - Silicon Standard Corp. SSM20P02J Datasheet HTML 5Page - Silicon Standard Corp. SSM20P02J Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.SiliconStandard.com
1 of 6
SSM20P02H,J
P-CHANNEL ENHANCEMENT-MODE
POWER MOSFET
Simple drive requirement
BVDSS
-20V
2.5V gate drive capability
RDS(ON)
52mΩ
Fast switching
ID
-18A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=100℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-c
Thermal Resistance Junction-case
Max.
4.0
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
110
℃/W
-55 to 150
Linear Derating Factor
Thermal Data
Parameter
Total Power Dissipation
Operating Junction Temperature Range
Storage Temperature Range
Continuous Drain Current, VGS @ 10V
-14
Pulsed Drain Current
1
-50
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current, VGS @ 10V
-18
0.25
31.25
-55 to 150
Rating
- 20
± 12
G
D
S
G D
S
TO-252(H)
G
D
S
TO-251(J)
Power MOSFETs from Silicon Standard provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The TO-252 package is widely preferred for all commercial and
industrial surface mount applications and suited for low voltage
applications such as DC/DC converters. The through-hole version
(SSM20P02J) is available for low-profile applications.
Rev.2.01 6/26/2003


Similar Part No. - SSM20P02J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2000 AD-SSM2000 Datasheet
252Kb / 16P
HUSH Stereo Noise Reduction System with Adaptive Threshold
REV.0
SSM2000P AD-SSM2000P Datasheet
252Kb / 16P
HUSH Stereo Noise Reduction System with Adaptive Threshold
REV.0
SSM2000S AD-SSM2000S Datasheet
252Kb / 16P
HUSH Stereo Noise Reduction System with Adaptive Threshold
REV.0
SSM2000 AD-SSM2000_15 Datasheet
255Kb / 16P
HUSH Stereo Noise Reduction System with Adaptive Threshold
REV. 0
SSM2005 AD-SSM2005 Datasheet
126Kb / 15P
Decoder 5.1-Channel Soundfield Generator
REV.0
More results

Similar Description - SSM20P02J

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com