Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X88C75PI Datasheet(PDF) 18 Page - Xicor Inc.

Part # X88C75PI
Description  Port Expander and E2 Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C75PI Datasheet(HTML) 18 Page - Xicor Inc.

Back Button X88C75PI Datasheet HTML 14Page - Xicor Inc. X88C75PI Datasheet HTML 15Page - Xicor Inc. X88C75PI Datasheet HTML 16Page - Xicor Inc. X88C75PI Datasheet HTML 17Page - Xicor Inc. X88C75PI Datasheet HTML 18Page - Xicor Inc. X88C75PI Datasheet HTML 19Page - Xicor Inc. X88C75PI Datasheet HTML 20Page - Xicor Inc. X88C75PI Datasheet HTML 21Page - Xicor Inc. X88C75PI Datasheet HTML 22Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
X88C75 SLIC® E2
18
RD Controlled Read Cycle
Symbol
Parameter
Min.
Max.
Units
tLHLL
ALE Pulse Width
80
ns
tAVLL
Address Setup Time
20
ns
tLLAX
Address Hold Time
30
ns
tRLDV
RD Read Access Time
120
ns
tRHDX
Data Hold Time
0
ns
tELLL
Chip Enable Setup Time
7
ns
PWRL
RD Pulse Width
150
ns
tRDS
RD Setup Time
30
ns
tRDH
RD Hold Time
20
ns
tRHDZ (6)
RD Disable to Output in High Z
50
ns
tRLDX (6)
RD to Output in Low Z
0
ns
2887 PGM T11
RD Controlled Read Timing Diagram
Note: (6)
This parameter is periodically sampled and not 100% tested.
ALE
A/D0–A/D7
A8–A12
RD
AIN
tRLDV
DOUT
2887 ILL F24
tRDH
tRDH
tLHLL
tAVLL
tLLAX
tRDS
PWRL
ADDRESS
CE
tRLDX
tRHDZ
tRHDX
tELLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com