Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM90T03GP Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM90T03GP
Description  N-channel Enhancement-mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM90T03GP Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM90T03GP Datasheet HTML 1Page - Silicon Standard Corp. SSM90T03GP Datasheet HTML 2Page - Silicon Standard Corp. SSM90T03GP Datasheet HTML 3Page - Silicon Standard Corp. SSM90T03GP Datasheet HTML 4Page - Silicon Standard Corp. SSM90T03GP Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SiliconStandard.com
1 of 5
N-channel Enhancement-mode Power MOSFET
Low gate-charge
BVDSS
30V
Simple drive requirement
RDS(ON)
4m
Ω
Fast switching
I D
75A
DESCRIPTION
G
D
S
G D
S
TO-263 (S)
G
D
S
TO-220 (P)
The SSM90T03GS is in a TO-263 package, which is widely used for
commercial and industrial surface mount applications. This device is
suitable for low voltage applications such as DC/DC converters.
The through-hole version, the SSM90T03GP in TO-220, is available for
vertical-mounting, where a small footprint is required on the board, and/or
an external heatsink is to be attached.
SSM90T03GP,S
2/17/2005 Rev.2.3
ABSOLUTE MAXIMUM RATINGS
Symbol
Units
VDS
V
VGS
V
ID @ Tc=25°C
ID @ Tc=100°C
IDM
A
PD @ Tc=25°C
W/°C
EAS
Single Pulse Avalanche Energy
3
mJ
TSTG
TJ
Symbol
Value
Units
RΘJC
Maximum Thermal Resistance, Junction-case
1.3
°C/W
RΘJA
Maximum Thermal Resistance, Junction-ambient
62
°C/W
THERMAL DATA
Parameter
Storage Temperature Range
Total Power Dissipation
96
W
-55 to 150
°C
Operating Junction Temperature Range
-55 to 150
°C
Linear Derating Factor
0.7
29
Continuous Drain Current, VGS = 4.5V
63
A
Pulsed Drain Current
1
350
Gate-Source Voltage
±20
Continuous Drain Current, VGS = 4.5V
75
A
Parameter
Rating
Drain-Source Voltage
30
Pb-free, RoHS compliant.


Similar Part No. - SSM90T03GP

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM90T03GH SSC-SSM90T03GH Datasheet
293Kb / 5P
N-channel Enhancement-mode Power MOSFET
SSM90T03GJ SSC-SSM90T03GJ Datasheet
293Kb / 5P
N-channel Enhancement-mode Power MOSFET
More results

Similar Description - SSM90T03GP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com