Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4532M Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # 4532M
Description  COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

4532M Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button 4532M Datasheet HTML 3Page - Silicon Standard Corp. 4532M Datasheet HTML 4Page - Silicon Standard Corp. 4532M Datasheet HTML 5Page - Silicon Standard Corp. 4532M Datasheet HTML 6Page - Silicon Standard Corp. 4532M Datasheet HTML 7Page - Silicon Standard Corp. 4532M Datasheet HTML 8Page - Silicon Standard Corp. 4532M Datasheet HTML 9Page - Silicon Standard Corp. 4532M Datasheet HTML 10Page - Silicon Standard Corp. 4532M Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ww w.Sil ic onStandard .com
8 of 11
SSM4532M
P-channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance vs. Gate Voltage
Fig 4. Normalized On-Resistance
vs. Junction Temperature
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
0
5
0
100
150
T j , Junction Temperature (
o C)
V G = -10V
I D =-4.0A
0
5
10
15
20
01234
-V DS , Drain-to-Source Voltage (V)
T C =25
o C
V G =-10V
V G =-8.0V
V G =-6.0V
V G =-4.0V
0
5
10
15
20
012
345
-V DS , Drain-to-Source Voltage (V)
T C =150
o C
V G =-10V
V G =-4.0V
V G =-6.0V
V G =-8.0V
30
40
50
60
70
80
90
3
4
567
8
9
10
11
-V GS (V)
Id=-4.0A
T c =25°C
Rev.2.01 7/01/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com