Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM28C040PI-20 Datasheet(PDF) 1 Page - Xicor Inc.

Part # XM28C040PI-20
Description  High Density 5 Volt Byte Alterable Nonvolatile Memory Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM28C040PI-20 Datasheet(HTML) 1 Page - Xicor Inc.

  XM28C040PI-20 Datasheet HTML 1Page - Xicor Inc. XM28C040PI-20 Datasheet HTML 2Page - Xicor Inc. XM28C040PI-20 Datasheet HTML 3Page - Xicor Inc. XM28C040PI-20 Datasheet HTML 4Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©Xicor, 1995, 1996 Patents Pending
7053 8/13/97 T0/C0/D0 SH
1
Characteristics subject to change without notice
4 Megabit Puma Module
XM28C040P
512K x 8 Bit
High Density 5 Volt Byte Alterable Nonvolatile Memory Array
FEATURES
• High Density Memory Module
—150ns, 200ns, and 250ns Access Times
Available
—4 Megabit Memory in 1 square inch.
• Flexible Multiplane Architecture
—Four Separate Chip Selects
—32 Separate I/Os
• User Configurable I/Os—x8, x16, or x32
• User Configurable Page Size—64 Double-
words, 128 Words, or 256 Bytes
—Concurrent Read/Write Operations
• Able to Continue Reading During a
Nonvolatile Write Cycle.
• 5 Volt Byte or Page Alterable
—No Erase Before Write
• Software Data Protection
• Early End of Write Polling
—DATA Polling
—Toggle Bit Polling
• High Reliability
—Endurance: 100,000 Cycles
—Data Retention: 100 Years
DESCRIPTION
The XM28C040P is a high density CMOS byte alter-
able nonvolatile memory array constructed on a co-
fired ceramic substrate using Xicor’s 128K x 8 compo-
nents in 32-pad leadless chip carriers. The Substrate is
a 66-pin ceramic pin grid array.
The module is configured with four separate chip
enable and write enable inputs and 32 separate I/Os.
This, along with the small footprint, provides the end
user with a large degree of flexibility in board layout and
memory configuration. In addition, with the large num-
ber of pins and the growth path being implemented, the
module will be able to grow to 16 megabits.
FUNCTIONAL DIAGRAM
128K x 8
128K x 8
128K x 8
128K x 8
OE WE1CE1WE2CE2WE3CE3WE4CE4
A0-A16 I/O0-I/O7
I/O8-I/O15
I/O16-I/O23
I/O24-I/O31


Similar Part No. - XM28C040PI-20

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
5 Volt, Byte Alterable E2PROM
XM28C040-20 XICOR-XM28C040-20 Datasheet
76Kb / 17P
5 Volt, Byte Alterable E2PROM
XM28C040-25 XICOR-XM28C040-25 Datasheet
76Kb / 17P
5 Volt, Byte Alterable E2PROM
XM28C040I XICOR-XM28C040I Datasheet
76Kb / 17P
5 Volt, Byte Alterable E2PROM
XM28C040I-20 XICOR-XM28C040I-20 Datasheet
76Kb / 17P
5 Volt, Byte Alterable E2PROM
More results

Similar Description - XM28C040PI-20

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2804C XICOR-X2804C Datasheet
54Kb / 13P
5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
5 Volt, Byte Alterable E2PROM
XM28C010P XICOR-XM28C010P Datasheet
25Kb / 3P
High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
5 Volt, Byte Alterable EEPROM
June 1, 2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com