Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS19 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BAS19
Description  SILICON HIGH SPEED SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BAS19 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BAS19 Datasheet HTML 1Page - Zetex Semiconductors BAS19 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 SILICON HIGH
SPEED SWITCHING DIODE
ISSUE 2 – JANUARY 1995
PIN CONFIGURATION
PARTMARKING DETAILS
BAS19 – A8
BAS20 – A81
BAS21 – A82
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BAS19
BAS20
BAS21
UNIT
Continuous Reverse Voltage
VR
100
150
200
V
Repetative Peak Reverse Voltage
VRRM
120
200
250
V
Average Forward Rectified Current
IF(AV)
200
mA
Forward Current
IF
200
mA
Repetative Peak Forward Current
IFRM
625
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT CONDITIONS.
Reverse
Breakdown
Voltage
V(BR)
BAS19
120
V
IR=100µA (1)
BAS20
200
V
IR=100µA (1)
BAS21
250
V
IR=100µA (2)
Reverse Current
IR
100
100
nA
µ
A
VR=VRmax
VR=VRmax, TJ=150°C
Static Forward Voltage VF
1.00
1.25
IF=100mA
IF=200mA
Differential Resistance rdiff
5
Ω
IF=10mA
Diode Capacitance
Cd
5pF
f=1MHz
Reverse Recovery Time trr
50
ns
IF=30mA to IR=30mA
RL=10Ω measured at IR=3mA
(1) Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
(2) At zero life time, measured under pulse conditions to avoid excessive dissipation and voltage
limited to 275V
Spice parameter data is available upon request for this device
BAS19
BAS20
BAS21
PAGE NO
1
3
2
SOT23
BAS19
BAS20
BAS21

!
SWITCHING TIME TEST DATA
Sampling Oscilloscope
RIN =50Ω
DUT
RS =50Ω
Pulse Generator
trr
+IF
t
IR*
tp(tot)
tp
90%
10%
90%
V
Recovery Time Equivalent Test Circuit
Input Signal
Output Signal
Input Signal
Total Pulse Duration
tp(tot) 2µs
Duty Factor
δ
0.0025
Rise Time of Reverse
Pulse
tr
0.6ns
Reverse Pulse Duration
tp
100ns
Oscilloscope
Rise Time
tr
0.35ns
Circuit Capacitance*
C
<1pF


Similar Part No. - BAS19

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS19 PHILIPS-BAS19 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS19 VISHAY-BAS19 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS19 TRSYS-BAS19 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19 WTE-BAS19 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS19

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR74 SIEMENS-BAR74 Datasheet
107Kb / 4P
Silicon Switching Diode (For high-speed switching)
BAR99 SIEMENS-BAR99 Datasheet
96Kb / 4P
Silicon Switching Diode (For high-speed switching)
logo
List of Unclassifed Man...
CD4531 ETC-CD4531 Datasheet
145Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
logo
TRANSYS Electronics Lim...
1N4150 TEL-1N4150 Datasheet
128Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
logo
Continental Device Indi...
CD4531 CDIL-CD4531 Datasheet
232Kb / 3P
HIGH SPEED SILICON SWITCHING DIODE
1N4150 CDIL-1N4150 Datasheet
223Kb / 3P
HIGH SPEED SILICON SWITCHING DIODE
1N4148 CDIL-1N4148 Datasheet
180Kb / 4P
HIGH SPEED SILICON SWITCHING DIODE
1N914 CDIL-1N914 Datasheet
227Kb / 3P
HIGH SPEED SILICON SWITCHING DIODE
logo
Central Semiconductor C...
CMPD914E CENTRAL-CMPD914E_15 Datasheet
469Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
CMSD4448 CENTRAL-CMSD4448_15 Datasheet
469Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com