Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCV49 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BCV49
Description  NPN SILICON PLANAR DARLINGTON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCV49 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BCV49 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 NPN SILICON PLANAR
DARLINGTON TRANSISTOR
ISSUE 3 – SEPTEMBER 1995
COMPLEMENTARY TYPE –
BCV48
PARTMARKING DETAILS –
EG
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
10
V
Peak Pulse Current
ICM
800
mA
Continuous Collector Current
IC
500
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature
Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
80
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
60
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
10
V
IE=10µA
Collector Cut-Off
Current
ICBO
100
10
nA
µA
VCB=60V
VCB=60V, Tamb=150°C
Emitter Cut-Off Current IEBO
100
nA
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
1V
IC=100mA, IB=0.1mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.5
V
IC=100mA, IB=0.1mA*
Static Forward Current
Transfer Ratio
hFE
2000
4000
10000
2000
IC=100µA, VCE=1V†
IC=10mA, VCE=5V*
IC=100mA, VCE=5V*
IC=500mA, VCE=5V*
Transition Frequency
fT
170
MHz
IC=50mA, VCE=5V
f = 20MHz
Output Capacitance
Cobo
3.5
pF
VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
For typical graphs see FMMT38A datasheet
† Periodic Sample Test Only.
Spice parameter data is available upon request for this device
BCV49
C
C
B
E
SOT89
3 - 26


Similar Part No. - BCV49

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV49 PHILIPS-BCV49 Datasheet
43Kb / 8P
NPN Darlington transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCV49 SIEMENS-BCV49 Datasheet
141Kb / 4P
NPN Silicon Darlington Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCV49 INFINEON-BCV49 Datasheet
47Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
logo
NXP Semiconductors
BCV49 NXP-BCV49 Datasheet
124Kb / 8P
NPN Darlington transistors
2004 Dec 06
logo
Infineon Technologies A...
BCV49 INFINEON-BCV49 Datasheet
71Kb / 8P
NPN Silicon Darlington Transistors
2007-03-29
More results

Similar Description - BCV49

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCV29 ZETEX-BCV29 Datasheet
16Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTOR
BST52 ZETEX-BST52 Datasheet
16Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTOR
FZTA14 ZETEX-FZTA14 Datasheet
23Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
Rohm
2SD1646 ROHM-2SD1646 Datasheet
48Kb / 1P
EPITAXIAL PLANAR NPN SILICON DARLINGTON TRANSISTOR
2SD1765 ROHM-2SD1765 Datasheet
46Kb / 1P
EPITAXIAL PLANAR NPN SILICON DARLINGTON TRANSISTOR
logo
Continental Device Indi...
CJF6388 CDIL-CJF6388 Datasheet
296Kb / 4P
NPN SILICON PLANAR DARLINGTON POWER TRANSISTOR
logo
Weitron Technology
PZTA14 WEITRON-PZTA14 Datasheet
182Kb / 4P
Darlington NPN Silicon Planar Epitaxial Transistor
logo
Zetex Semiconductors
BST51 ZETEX-BST51 Datasheet
15Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
Diodes Incorporated
BCV49 DIODES-BCV49 Datasheet
26Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
SEPTEMBER 1995
logo
List of Unclassifed Man...
FZTA14TA ETC2-FZTA14TA Datasheet
40Kb / 1P
SOT223 NPN SILICON PLANAR DARLINGTON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com