Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCET24B-252 Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # TCET24B-252
Description  TCUU98V EMI Line Filters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCET24B-252 Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button TCET24B-252 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCET24B-252 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TCET24B EMI Line Filters
07 of 11
Magnetic Shielded Core (TCET24B) Configurations & Dimensions
A
C
D
F
Type
A (max)
B(max)
C(max)
D
E
F
G
TCET24B
18.5
25.5
31.0
4.0
Φ0.8
10.0
13.0
Note: Design as Customer’s Requested Specifications.
Common Mode Chokes (TCET24B) at 25°C Electrical Characteristics
Part
Number
Inductance
(mH)(min)
Inductance Balance
(µH)(max)
DCR
(Ω)(max)
IDC
(A)(max)
TCET24B-252
2.5
100
0.13
2.00
TCET24B-352
3.5
150
0.18
1.70
TCET24B-452
4.5
200
0.21
1.50
TCET24B-103
10.0
300
0.47
1.00
TCET24B-153
15.0
400
0.73
0.80
TCET24B-203
20.0
600
0.87
0.70
TCET24B-353
35.0
800
1.58
0.60
Note: Test Freq.: 1.0kHz.
Allowable Current : D.C. Current When Temperature of Coil Increased up to 40°C .(Ta=25°C )
Version 2010
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com