Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9148-EBZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD9148-EBZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148-EBZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9148-EBZ Datasheet HTML 61Page - Analog Devices AD9148-EBZ Datasheet HTML 62Page - Analog Devices AD9148-EBZ Datasheet HTML 63Page - Analog Devices AD9148-EBZ Datasheet HTML 64Page - Analog Devices AD9148-EBZ Datasheet HTML 65Page - Analog Devices AD9148-EBZ Datasheet HTML 66Page - Analog Devices AD9148-EBZ Datasheet HTML 67Page - Analog Devices AD9148-EBZ Datasheet HTML 68Page - Analog Devices AD9148-EBZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 65 of 73
TEMPERATURE SENSOR
The AD9148 has a diode-based temperature sensor for measuring
the temperature of the die. The temperature reading is accessed
by Register 0x5E and Register 0x5F. The temperature of the die
can be calculated as
9
.
126
)
46875
]
0
:
15
[
(
−
= DieTemp
T
DIE
where TDIE is the die temperature in degrees Celsius. The
temperature accuracy is ±5°C typical over TBD range.
Estimates of the ambient temperature can be made if the power
dissipation of the device is known. For example, if the device power
dissipation is 800 mW and the measured die temperature is 50°C,
then the ambient temperature can be calculated as
TA = TDIE – PD × TJA = 50 – 0.8 × 19.1 = 34.7°C
where:
TA is the ambient temperature in degrees Celsius.
TJA is the thermal resistance from junction to ambient of the
AD9148 as shown in Table 7.
To use the temperature sensor, it must be enabled by setting
Bit 0, Register 0x5C to 0. Before the temperature sensor data can
be readback, it must be latched by toggling Bit 1, Register 0x5C
from 0 to 1. In addition, to get accurate readings, the range
control register (Register 0x5D) should be set to 0x02.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com