Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPU3340DF-101M Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # TPU3340DF-101M
Description  TPUDF Wire Wound Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU3340DF-101M Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TPU3340DF-101M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPU3340DF-101M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPU3340DF-101M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPU3340DF-101M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPU3340DF-101M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
05 of 05
TPUDF Power Wire Wound Inductors
Version 2010
(TPU5022DF) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPU5022DF - 1R0M
1.00
100
0.009
20.00
TPU5022DF - 2R2M
2.20
100
0.014
16.00
TPU5022DF - 3R3M
3.30
100
0.015
14.00
TPU5022DF - 5R6M
5.60
100
0.020
12.00
TPU5022DF - 100M
10.00
100
0.031
10.00
TPU5022DF - 150M
15.00
100
0.036
8.00
TPU5022DF - 220M
22.00
100
0.047
7.00
TPU5022DF - 330M
33.00
100
0.066
5.50
TPU5022DF - 470M
47.00
100
0.086
4.50
TPU5022DF - 680M
68.00
100
0.130
3.50
TPU5022DF - 101M
100.00
100
0.190
3.00
TPU5022DF - 151M
150.00
100
0.250
2.60
TPU5022DF - 221M
220.00
100
0.380
2.40
TPU5022DF - 331M
330.00
100
0.560
1.90
TPU5022DF - 471M
470.00
100
0.850
1.40
TPU5022DF - 681M
680.00
100
1.100
1.20
TPU5022DF - 102M
1000.00
100
1.800
1.00
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=10% typ. at IDC.
Part Number: TPU1608DF, TPU3308DF
TPU3316DF, TPU3340DF, TPU5022DF
100
TPU1608DF
Inductance
Code
Inductance
1R0
1.00µH
100
10.00µH
101
100.00µH
102
1000.00µH
(TPU1608DF, TPU3308DF, TPU3316DF, TPU3340DF, TPU5022DF) How to Order
M
Tolerance
Code
Tolerance
K
10%
L
15%
M
20%
N
30%
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - Power Wire Wound Inductors (TPUDF)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com