Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AVC2T45DP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74AVC2T45DP
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45DP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74AVC2T45DP Datasheet HTML 9Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 10Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 11Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 12Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 13Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 14Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 15Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 16Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
74AVC2T45_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 5 May 2009
13 of 32
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
ten
enable time
DIR to A; see Figure 7
[4][5]
VCC(B) = 0.8 V
-
17.3
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
-
-
-
17.4
19.1
ns
VCC(B) = 1.4 V to 1.6 V
-
-
-
-
14.7
16.2
ns
VCC(B) = 1.65 V to 1.95 V
-
-
-
-
14.6
16.1
ns
VCC(B) = 2.3 V to 2.7 V
-
-
-
-
13.4
14.9
ns
VCC(B) = 3.0 V to 3.6 V
-
-
-
-
14.3
15.9
ns
DIR to B; see Figure 7
[4][5]
VCC(B) = 0.8 V
-
17.6
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
-
-
-
17.8
19.6
ns
VCC(B) = 1.4 V to 1.6 V
-
-
-
-
15.6
17.2
ns
VCC(B) = 1.65 V to 1.95 V
-
-
-
-
14.9
16.5
ns
VCC(B) = 2.3 V to 2.7 V
-
-
-
-
14.5
16.0
ns
VCC(B) = 3.0 V to 3.6 V
-
-
-
-
14.9
16.5
ns
VCC(A) = 1.4 V to 1.6 V
tpd
propagation delay
A to B; see Figure 6
[2]
VCC(B) = 0.8 V
-
12.3
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
-
-
1.0
8.0
8.8
ns
VCC(B) = 1.4 V to 1.6 V
-
-
-
0.7
5.4
6.0
ns
VCC(B) = 1.65 V to 1.95 V
-
-
-
0.6
4.6
5.1
ns
VCC(B) = 2.3 V to 2.7 V
-
-
-
0.5
3.7
4.1
ns
VCC(B) = 3.0 V to 3.6 V
-
-
-
0.5
3.5
3.9
ns
B to A; see Figure 6
[2]
VCC(B) = 0.8 V
-
7.6
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
-
-
1.0
6.8
7.5
ns
VCC(B) = 1.4 V to 1.6 V
-
-
-
0.8
5.4
6.0
ns
VCC(B) = 1.65 V to 1.95 V
-
-
-
0.7
5.1
5.7
ns
VCC(B) = 2.3 V to 2.7 V
-
-
-
0.6
4.7
5.2
ns
VCC(B) = 3.0 V to 3.6 V
-
-
-
0.5
4.5
5.0
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com