Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GDZJ6.2 Datasheet(PDF) 4 Page - Diotech Company.

Part # GDZJ6.2
Description  500mW EPITAXIAL ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

GDZJ6.2 Datasheet(HTML) 4 Page - Diotech Company.

  GDZJ6.2 Datasheet HTML 1Page - Diotech Company. GDZJ6.2 Datasheet HTML 2Page - Diotech Company. GDZJ6.2 Datasheet HTML 3Page - Diotech Company. GDZJ6.2 Datasheet HTML 4Page - Diotech Company. GDZJ6.2 Datasheet HTML 5Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATINGS AND CHARACTERISTIC CURVES
GDZJ - SERIES
Fig. 1 Thermal Resistance vs. Lead Length
Fig. 2 Total Power Dissipation vs. Ambient Temperature
Fig. 3 Typical Change of Working Voltage under Operating
Conditions at Tamb=25°C
0
5
10
15
0
100
200
300
400
500
20
l – Lead Length( mm )
l
l
TL=constant
0
40
80
120
160
0
100
300
400
500
600
Tamb– Ambient Temperature(°C )
200
200
0
5
10
15
20
1
10
100
1000
V Z – Z-Voltage(V )
25
IZ=5mA
Tj=25°C
Fig. 4 Typical Change of Working Voltage vs. Junction
Temperature
Fig. 5 Temperature Coefficient of Vz vs. Z-Voltage
Fig. 6 Diode Capacitance vs. Z-Voltage
–60
0
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
Tj – Junction Temperature (°C )
240
V Ztn=VZt/VZ(25°C)
TKVZ=10 x 10–4/K
8 x 10–4/K
–4 x 10–4/K
6 x 10–4/K
4 x 10–4/K
2 x 10–4/K
–2 x 10–4/K
0
0
10
20
30
–5
0
5
10
15
V Z – Z-Voltage(V )
50
40
IZ=5mA
0
5
10
15
0
50
100
150
200
V Z – Z-Voltage(V )
25
20
Tj=25°C
V R=2V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com