Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HAL805UT-K Datasheet(PDF) 21 Page - Micronas

Part # HAL805UT-K
Description  Programmable Linear Hall-Effect Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL805UT-K Datasheet(HTML) 21 Page - Micronas

Back Button HAL805UT-K Datasheet HTML 17Page - Micronas HAL805UT-K Datasheet HTML 18Page - Micronas HAL805UT-K Datasheet HTML 19Page - Micronas HAL805UT-K Datasheet HTML 20Page - Micronas HAL805UT-K Datasheet HTML 21Page - Micronas HAL805UT-K Datasheet HTML 22Page - Micronas HAL805UT-K Datasheet HTML 23Page - Micronas HAL805UT-K Datasheet HTML 24Page - Micronas HAL805UT-K Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DATA SHEET
HAL 805
Micronas
Feb. 14, 2006; 6251-513-3DS
21
3.9. Typical Characteristics
−15 −10 −5
0
5
101520
−20
−15
−10
-5
0
5
10
15
20
V
mA
IDD
VDD
TA = −40 °C
TA = 25 °C
TA = 150 °C
Fig. 3–5: Typical current consumption
versus supply voltage
−50
0
50
100
150
200
0
2
4
6
8
10
°C
VDD = 5 V
mA
IDD
TA
Fig. 3–6: Typical current consumption
versus ambient temperature
−1.5 −1.0 −0.5 0.0
0.5
1.0
1.5
0
2
4
6
8
10
TA = 25 °C
VDD = 5 V
mA
IDD
mA
IOUT
Fig. 3–7: Typical current consumption
versus output current
–40
–35
−30
–25
–20
–15
–10
–5
0
5
10
100
1000
10000 Hz
dB
fsignal
VOUT
–3
Filter: 80 Hz
Filter: 160 Hz
Filter: 500 Hz
Filter: 2 kHz
Fig. 3–8: Typical output voltage
versus signal frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com