Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G99DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1G99DP
Description  Ultra-configurable multiple function gate; 3-state
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G99DP Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G99DP Datasheet HTML 1Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 2Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 3Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 4Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 5Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 6Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 7Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 8Page - NXP Semiconductors 74LVC1G99DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
74LVC1G99_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 16 April 2010
2 of 29
NXP Semiconductors
74LVC1G99
Ultra-configurable multiple function gate; 3-state
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G99DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads; body
width 3 mm; lead length 0.5 mm
SOT505-2
74LVC1G99GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74LVC1G99GF
−40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35
× 1 × 0.5 mm
SOT1089
74LVC1G99GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74LVC1G99GM
−40 °C to +125 °C
XQFN8U
plastic extremely thin quad flat package; no leads;
8 terminals; UTLP based; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 2.
Marking codes [1]
Type number
Marking code
74LVC1G99DP
V99
74LVC1G99GT
V99
74LVC1G99GF
YF
74LVC1G99GD
V99
74LVC1G99GM
V99
Fig 1.
Logic symbol
001aah322
OE
A
B
Y
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com