Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZDM4206N Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZDM4206N
Description  DUAL N-CHANNEL ENHANCEMENT MODE AVALANCHE RATED MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZDM4206N Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZDM4206N Datasheet HTML 1Page - Zetex Semiconductors ZDM4206N Datasheet HTML 2Page - Zetex Semiconductors ZDM4206N Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3 - 317
SM-8 DUAL N-CHANNEL ENHANCEMENT
MODE AVALANCHE RATED MOSFET
ISSUE 1 - NOVEMBER 1995
PARTMARKING DETAIL – M4206N
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
60
V
Continuous Drain Current at Tamb=25°C
ID
1A
Pulsed Drain Current
IDM
8A
Gate-Source Voltage
VGS
± 20
V
Continuous Body Diode Current at Tamb =25°C
ISD
1A
Avalanche Current – Repetitive
IAR
600
mA
Avalanche Energy – Repetitive
EAR
15
mJ
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
Total Power Dissipation at Tamb = 25°C*
Any single die “on”
Both die “on” equally
Ptot
2.25
2.75
W
W
Derate above 25°C*
Any single die “on”
Both die “on” equally
18
22
mW/ °C
mW/ °C
Thermal Resistance - Junction to Ambient*
Any single die “on”
Both die “on” equally
55.6
45.5
°C/ W
°C/ W
* The power which can be dissipated assuming the device is mounted in a typical manner on a PCB
with copper equal to 2 inches square.
SM-8
(8 LEAD SOT223)
D1
D1
D2
D2
G1
S1
G2
S2
ZDM4206N


Similar Part No. - ZDM4206N

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZDM4306N ZETEX-ZDM4306N Datasheet
36Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFETS
More results

Similar Description - ZDM4206N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA180N10T IXYS-IXTA180N10T Datasheet
160Kb / 2P
N-Channel Enhancement Mode Avalanche Rated
IXTP08N100P IXYS-IXTP08N100P Datasheet
158Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTH30N50P IXYS-IXTH30N50P Datasheet
352Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXTP2N100P IXYS-IXTP2N100P Datasheet
153Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTU1R4N60P IXYS-IXTU1R4N60P Datasheet
157Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXFA90N20X3 IXYS-IXFA90N20X3 Datasheet
242Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
IXFN220N20X3 IXYS-IXFN220N20X3 Datasheet
153Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXFT120N30X3HV IXYS-IXFT120N30X3HV Datasheet
257Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
MMIX1T132N50P3 IXYS-MMIX1T132N50P3 Datasheet
273Kb / 7P
N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com