Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC3G14 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC3G14
Description  Triple inverting Schmitt trigger with 5 V tolerant input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G14 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC3G14 Datasheet HTML 1Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 2Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 3Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 4Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 5Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 6Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 7Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 8Page - NXP Semiconductors 74LVC3G14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74LVC3G14_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 12 June 2008
2 of 18
NXP Semiconductors
74LVC3G14
Triple inverting Schmitt trigger with 5 V tolerant input
4.
Ordering information
5.
Marking
6.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC3G14DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC3G14DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC3G14GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74LVC3G14GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74LVC3G14GM
−40 °C to +125 °C
XQFN8U
plastic extremely thin quad flat package; no leads;
8 terminals; UTLP based; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 2.
Marking codes
Type number
Marking code
74LVC3G14DP
V14
74LVC3G14DC
V14
74LVC3G14GT
V14
74LVC3G14GD
V14
74LVC3G14GM
V14
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
(one Schmitt trigger)
001aah728
1A
1Y
3Y
3A
2A
2Y
001aah729
mna025
A
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com