Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC3G17GD Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74LVC3G17GD
Description  Triple non-inverting Schmitt trigger with 5 V tolerant input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G17GD Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74LVC3G17GD Datasheet HTML 10Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 11Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 12Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 13Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 14Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 15Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 16Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 17Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
74LVC3G17_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 6 June 2008
16 of 18
NXP Semiconductors
74LVC3G17
Triple non-inverting Schmitt trigger with 5 V tolerant input
17. Abbreviations
18. Revision history
Table 12.
Abbreviations
Acronym
Description
CMOS
Complementary Metal-Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
TTL
Transistor-Transistor Logic
Table 13.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
74LVC3G17_6
20080606
Product data sheet
-
74LVC3G17_5
Modifications:
• Added type number 74LVC3G17GD (XSON8U package)
74LVC3G17_5
20080313
Product data sheet
-
74LVC3G17_4
74LVC3G17_4
20070521
Product data sheet
-
74LVC3G17_3
74LVC3G17_3
20050131
Product data sheet
-
74LVC3G17_2
74LVC3G17_2
20041103
Product specification
-
74LVC3G17_1
74LVC3G17_1
20040624
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com