Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2829 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 8Page - Micrel Semiconductor MIC2829 Datasheet HTML 9Page - Micrel Semiconductor MIC2829 Datasheet HTML 10Page - Micrel Semiconductor MIC2829 Datasheet HTML 11Page - Micrel Semiconductor MIC2829 Datasheet HTML 12Page - Micrel Semiconductor MIC2829 Datasheet HTML 13Page - Micrel Semiconductor MIC2829 Datasheet HTML 14Page - Micrel Semiconductor MIC2829 Datasheet HTML 15Page - Micrel Semiconductor MIC2829 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
12
M9999-051410-B
Typical Characteristics
DC1 HLL Buck Efficiency
vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
VOUT_NOM = 1.2V
L = 2.2µH
COUT = 4.7µF
VIN = 3.6V
VIN = 5V
VIN = 4.3V
DC2 HLL Buck Efficiency
vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
VOUT_NOM = 1V
L = 2.2µH
COUT = 4.7µF
VIN = 3.6V
VIN = 5V
VIN = 4.3V
DC3 HLL Buck Efficiency
vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
VOUT_NOM = 3V
L = 1.0µH
COUT = 4.7µF
VIN = 4.3V
VIN = 5V
DC4 HLL Buck Efficiency
vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
VOUT_NOM = 1.8V
L = 2.2µH
COUT = 4.7µF
VIN = 3.6V
VIN = 5V
VIN = 4.3V
DC5 PWM Buck Efficiency
vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
VOUT_NOM = 3.3V
L = 2.2µH
COUT = 4.7µF
VIN = 3.6V
VIN = 4.3V
VIN = 5V
DC6 PWM Buck Efficiency
vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
VOUT_NOM = 2V
L = 2.2µH
COUT = 4.7µF
VIN = 3.6V
VIN = 4.3V
VIN = 5V
DC1 Output Voltage
vs. Output Current
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
0
200
400
600
800
1000
OUTPUT CURRENT (mA)
VPVIN = 5V
VOUT_NOM = 1.2V
L = 2.2µH
COUT = 4.7µF
DC2 Output Voltage
vs. Output Current
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
0
50
100
150
200
250
300
OUTPUT CURRENT (mA)
VPVIN = 5V
VOUT_NOM = 1V / 1.2V
L = 2.2µH
COUT = 4.7µF
VSC2 = VIN
VSC2 = 0V
DC3 Output Voltage
vs. Output Current
2.50
2.60
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
3.50
0
100 200 300 400 500 600 700 800
OUTPUT CURRENT (mA)
VPVIN = 5V
VOUT_NOM = 3V
L = 1µH
COUT = 4.7µF
DC4 Output Voltage
vs. Output Current
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.10
2.20
0
200
400
600
800
OUTPUT CURRENT (mA)
VPVIN = 5V
VOUT_NOM = 1.8V
L = 2.2µH
COUT = 4.7µF
DC5 Output Voltage
vs. Output Current
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0
200
400
600
800
1000
OUTPUT CURRENT (mA)
VPVIN = 5V
VOUT_NOM = 3.3V
L = 2.2µH
COUT = 4.7µF
DC6 Output Voltage
vs. Output Current
1.90
1.92
1.94
1.96
1.98
2.00
2.02
2.04
2.06
2.08
2.10
0
200
400
600
800
1000
OUTPUT CURRENT (mA)
VPVIN = 5V
VOUT_NOM = 2V
L = 2.2µH
COUT = 4.7µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com