Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F65K22 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC18F65K22
Description  64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
PDF  548 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F65K22 Datasheet(HTML) 4 Page - Microchip Technology

  PIC18F65K22 Datasheet HTML 1Page - Microchip Technology PIC18F65K22 Datasheet HTML 2Page - Microchip Technology PIC18F65K22 Datasheet HTML 3Page - Microchip Technology PIC18F65K22 Datasheet HTML 4Page - Microchip Technology PIC18F65K22 Datasheet HTML 5Page - Microchip Technology PIC18F65K22 Datasheet HTML 6Page - Microchip Technology PIC18F65K22 Datasheet HTML 7Page - Microchip Technology PIC18F65K22 Datasheet HTML 8Page - Microchip Technology PIC18F65K22 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 548 page
background image
PIC18F87K22 FAMILY
DS39960B-page 4
Preliminary
 2010 Microchip Technology Inc.
Peripheral Highlights:
• Up to Ten CCP/ECCP modules:
- Up to seven Capture/Compare/PWM (CCP)
modules
- Three Enhanced Capture/Compare/PWM
(ECCP) modules
• Up to Eleven 8/16-Bit Timer/Counter modules:
- Timer0 – 8/16-bit timer/counter with 8-bit
programmable prescaler
- Timer1,3 – 16-bit timer/counter
- Timer2,4,6,8 – 8-bit timer/counter
- Timer5,7 – 16-bit timer/counter for 64k and
128k parts
- Timer10,12 – 8-bit timer/counter for 64k and
128k parts
• Three Analog Comparators
• Configurable Reference Clock Output
• Hardware Real-Time Clock and Calendar (RTCC)
module with Clock, Calendar and Alarm Functions
• Charge Time Measurement Unit (CTMU):
- Capacitance measurement for mTouch™
sensing solution
- Time measurement with 1 ns typical
resolution
- Integrated temperature sensor
• High-Current Sink/Source 25 mA/25 mA (PORTB
and PORTC)
• Up to Four External Interrupts
• Two Master Synchronous Serial Port (MSSP)
modules:
- 3/4-wire SPI (supports all four SPI modes)
-I2C™ Master and Slave modes
• Two Enhanced Addressable USART modules:
- LIN/J2602 support
- Auto-Baud Detect (ABD)
• 12-Bit A/D Converter with up to 24 Channels:
- Auto-acquisition and Sleep operation
- Differential input mode of operation
• Integrated Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com