Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFSL6.5MDB Datasheet(PDF) 2 Page - Yamar Electronics Ltd.

Part # SFSL6.5MDB
Description  Smart Slave for DC-BUS Powerline Network
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL6.5MDB Datasheet(HTML) 2 Page - Yamar Electronics Ltd.

  SFSL6.5MDB Datasheet HTML 1Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 2Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL6.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice.
© 2010 Yamar Electronics Ltd.
2
DS-SIG61 R0.932
2 OVERVIEW
The SIG61 is an independent slave in a Master-Slaves network operating on a selected narrow band
channel. A single SIG60 master controls all the slaves in a network; the slaves may be SIG61 devices
as well as SIG60 devices operating as slaves.
Proper Network operation is maintained by employing 5 types of command messages: Read, Read-
change, Write, Sleep and Change-Frequency. The command format is similar to the standard Universal
Asynchronous Receiver Transmitter (UART).
The SIG61 has internal narrow band modem, capable of operating in noisy environments. The receiver
listens to the DC-BUS on its preset frequency. It filters out the signal from noise and interference and
tries to recover the original command. If the checksum is correct, the SIG61 extracts the ID, Command
and the Data.
If the received ID matches its own ID, the SIG61 proceeds to detect the received command. When a
Write command is received, the data part of the command is directed to the corresponding 8 output
pins. When a Read command is detected, the SIG61 responds by transmitting a dedicated message
towards the master containing an image of its 8 input pins.
Multiple networks can operate concurrently on the same wire using different carrier frequencies.
2.1
Channels and Network
The SIG60-SIG61 network supports 16 combinations of frequency pairs. When set to such a pair, it is
easy to switch from one frequency to the other when such need arises. Each channel accommodates a
single SIG60 master and up to 15 SIG61/SIG60 slave devices. Additional SIG60-SIG61 networks can
coexist on the same power line by employing different frequencies for each network, thus allowing
different applications.
Channel frequencies:
1.75MHz, 4.5MHz, 5.5MHz, 6.0MHz, 6.5MHz, 10.5MHz and 13.0MHz.
Data transfer rate:
9.6Kbps up to 115.2Kbps.
Cable length:
Dependant on external AC loads connected to the DC line.
2.2
The SIG61 Device
Figure 2.1 outlines the building blocks of the SIG61 device.
Figure 2.1 - SIG61 Logical Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com