Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320C6727BRFP300 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMP320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6727BRFP300 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP320C6727BRFP300 Datasheet HTML 11Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 12Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 13Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 14Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 15Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 16Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 17Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 18Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 118 page
background image
2.7 Memory Map Summary
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
A high-level memory map of the C672x DSP appears in Table 2-8. The base address of each region is
listed. Any address past the end address must not be read or written. The table also lists whether the
regions are word-addressable or byte- and word-addressable.
Table 2-8. C672x Memory Map
DESCRIPTION
BASE ADDRESS
END ADDRESS
BYTE- OR WORD-ADDRESSABLE
Internal ROM Page 0 (256K Bytes)
0x0000 0000
0x0003 FFFF
Byte and Word
Internal ROM Page 1 (128K Bytes)
0x0004 0000
0x0005 FFFF
Byte and Word
Internal RAM Page 0 (256K Bytes)
0x1000 0000
0x1003 FFFF
Byte and Word
Memory and Cache Control Registers
0x2000 0000
0x2000 001F
Word Only
Emulation Control Registers (Do Not Access)
0x3000 0000
0x3FFF FFFF
Word Only
Device Configuration Registers
0x4000 0000
0x4000 0083
Word Only
PLL Control Registers
0x4100 0000
0x4100 015F
Word Only
Real-time Interrupt (RTI) Control Registers
0x4200 0000
0x4200 00A3
Word Only
Universal Host-Port Interface (UHPI) Registers
0x4300 0000
0x4300 0043
Word Only
McASP0 Control Registers
0x4400 0000
0x4400 02BF
Word Only
McASP1 Control Registers
0x4500 0000
0x4500 02BF
Word Only
McASP2 Control Registers
0x4600 0000
0x4600 02BF
Word Only
SPI0 Control Registers
0x4700 0000
0x4700 007F
Word Only
SPI1 Control Registers
0x4800 0000
0x4800 007F
Word Only
I2C0 Control Registers
0x4900 0000
0x4900 007F
Word Only
I2C1 Control Registers
0x4A00 0000
0x4A00 007F
Word Only
McASP0 DMA Port (any address in this range)
0x5400 0000
0x54FF FFFF
Word Only
McASP1 DMA Port (any address in this range)
0x5500 0000
0x55FF FFFF
Word Only
McASP2 DMA Port (any address in this range)
0x5600 0000
0x56FF FFFF
Word Only
dMAX Control Registers
0x6000 0000
0x6000 008F
Word Only
MAX0 (HiMAX) Event Entry Table
0x6100 8000
0x6100 807F
Byte and Word
Reserved
0x6100 8080
0x6100 809F
MAX0 (HiMAX) Transfer Entry Table
0x6100 80A0
0x6100 81FF
Byte and Word
MAX1 (LoMAX) Event Entry Table
0x6200 8000
0x6200 807F
Byte and Word
Reserved
0x6200 8080
0x6200 809F
MAX1 (LoMAX) Transfer Entry Table
0x6200 80A0
0x6200 81FF
Byte and Word
External SDRAM space on EMIF
0x8000 0000
0x8FFF FFFF
Byte and Word
External Asynchronous / Flash space on EMIF
0x9000 0000
0x9FFF FFFF
Byte and Word
EMIF Control Registers
0xF000 0000
0xF000 00BF
Word Only(1)
(1)
The upper byte of the EMIF’s SDRAM Configuration Register (SDCR[31:24]) is byte-addressable to support placing the EMIF into the
Self-Refresh State without triggering the SDRAM Initialization Sequence.
Submit Documentation Feedback
Device Overview
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com