Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6722BRFP300 Datasheet(PDF) 90 Page - Texas Instruments

Part # TMS320C6722BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6722BRFP300 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TMS320C6722BRFP300 Datasheet HTML 86Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 87Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 88Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 89Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 90Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 91Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 92Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 93Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Table 4-34. Additional(1) SPI Slave Timings, 5-Pin Option(2)(3)
NO.
MIN
MAX
UNIT
Required delay from SPIx_SCS asserted at slave to first
25
td(SCSL_SPC)S
P
ns
SPIx_CLK edge at slave.
Polarity = 0, Phase = 0,
0.5tc(SPC)M + P + 10
from SPIx_CLK falling
Polarity = 0, Phase = 1,
P + 10
Required delay from final
from SPIx_CLK falling
26
td(SPC_SCSH)S
SPIx_CLK edge before
ns
Polarity = 1, Phase = 0,
SPIx_SCS is deasserted.
0.5tc(SPC)M + P + 10
from SPIx_CLK rising
Polarity = 1, Phase = 1,
P + 10
from SPIx_CLK rising
Delay from master asserting SPIx_SCS to slave driving
27
tena(SCSL_SOMI)S
P + 15
ns
SPIx_SOMI valid
Delay from master deasserting SPIx_SCS to slave 3-stating
28
tdis(SCSH_SOMI)S
P + 15
ns
SPIx_SOMI
Delay from master deasserting SPIx_SCS to slave driving
29
tena(SCSL_ENA)S
15
ns
SPIx_ENA valid
Polarity = 0, Phase = 0,
2P + 15
from SPIx_CLK falling
Polarity = 0, Phase = 1,
Delay from final clock receive
2P + 15
from SPIx_CLK rising
edge on SPIx_CLK to slave
30
tdis(SPC_ENA)S
ns
3-stating or driving high
Polarity = 1, Phase = 0,
2P + 15
SPIx_ENA.(4)
from SPIx_CLK rising
Polarity = 1, Phase = 1,
2P + 15
from SPIx_CLK falling
(1)
These parameters are in addition to the general timings for SPI slave modes (Table 4-28).
(2)
P = SYSCLK2 period
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four slave clocking modes.
(4)
SPIx_ENA is driven low after the transmission completes if the SPIINT0.ENABLE_HIGHZ bit is programmed to 0. Otherwise it is
3-stated. If 3-stated, an external pullup resistor should be used to provide a valid level to the master. This option is useful when tying
several SPI slave devices to a single master.
90
Peripheral and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com