Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TX9.7/3.2-M2-A6 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # TX9.7/3.2-M2-A6
Description  Alloy powder toroids
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TX9.7/3.2-M2-A6 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  TX9.7/3.2-M2-A6 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TX9.7/3.2-M2-A6 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TX9.7/3.2-M2-A6 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1818
Ferroxcube
Alloy powder toroids
TX9.7/4.8/3.2
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with epoxy. The colour is black
(Sendust), grey (MPP) or khaki (High-Flux).
Maximum operating temperature is 200
°C.
Parylene coating is also available (transparent,
maximum operating temperature 130
°C).
Isolation voltage
AC isolation voltage : 1000 V (Parylene : 750 V).
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE UNIT
Σ(I/A)
core factor (C1)
2.90
mm−1
Ve
effective volume
164
mm3
Ie
effective length
21.8
mm
Ae
effective area
7.52
mm2
m
mass of core
(for
µi 125)
MPP
1.40
g
Sendust
1.01
g
High-Flux 1.30
g
MFP154
coating EPOXY
3.5
± 0.32
(0.16)
9.97
± 0.32
4.52
± 0.26
Fig.1 TX9.7/4.8/3.2 ring core.
Dimensions in mm.
Ring core data - Note 1. Mechanical dimensions : OD
≤ 10.29, ID ≥ 4.27, H ≤ 3.81
GRADE
AL
(nH)
µi
B (mT) at
CORE LOSS (W) at
TYPE NUMBER
H = 100 kA/m;
f = 10 kHz; T = 25
°C
f = 100 kHz;
= 100 mT; T = 25
°C
MPP
6
± 8 %
14
≥ 640
0.246
TX9.7/3.2-M2-A6
11
± 8 %
26
≥ 700
0.197
TX9.7/3.2-M2-A11
25
± 8 %
60
≥ 760
0.123
TX9.7/3.2-M2-A25
53
± 8 %
125
≥ 800
0.123
TX9.7/3.2-M2-A53
63
± 8 %
147
≥ 800
0.131
TX9.7/3.2-M2-A63
68
± 8 %
160
≥ 800
0.131
TX9.7/3.2-M2-A68
74
± 8 %
173
≥ 800
0.131
TX9.7/3.2-M2-A74
84
± 8 %
200
≥ 800
0.246
TX9.7/3.2-M2-A84
128
± 8 %
300
≥ 800
0.246
TX9.7/3.2-M2-A128
Sendust (1)
25
± 12 %
60
≥ 1030
0.140
TX9.7/3.2-S7-A25-MC
32
± 12 %
75
≥ 1040
0.140
TX9.7/3.2-S7-A32-MC
38
± 12 %
90
≥ 1050
0.140
TX9.7/3.2-S7-A38-MC
53
± 12 %
125
≥ 1060
0.140
TX9.7/3.2-S7-A53-MC
High-Flux
6
± 8 %
14
≥ 890
0.410
TX9.7/3.2-H2-A6
11
± 8 %
26
≥ 980
0.328
TX9.7/3.2-H2-A11
25
± 8 %
60
≥ 1280
0.295
TX9.7/3.2-H2-A25
53
± 8 %
125
≥ 1370
0.328
TX9.7/3.2-H2-A53
63
± 8 %
147
≥ 1385
0.361
TX9.7/3.2-H2-A63
68
± 8 %
160
≥ 1400
0.574
TX9.7/3.2-H2-A68
B
ˆ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com