| Electronic Components Datasheet Search |
|
CS4297 Datasheet(PDF) 1 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4297 Datasheet(HTML) 1 Page - Cirrus Logic |
|
1 / 81 page ![]() Preliminary Product Information This document contains information for a new product. Cirrus Logic reserves the right to modify this product without notice. 1 Copyright © Cirrus Logic, Inc. 2005 (All Rights Reserved) http://www.cirrus.com CS4205 CrystalClear® Audio Codec ’97 for Portable Computing Features ! Integrated Asynchronous I2S Input Port (ZV Port) ! Integrated High-Performance Microphone Pre-Amplifier ! Integrated Digital Effects Processing for Bass and Treble Response ! Digital Docking Including an I2S Output, 3 Synchronous I2S Inputs ! Performance Oriented Digital Mixer ! SRS© 3D Stereo Enhancement ! On-chip PLL for use with External Clock Sources ! Dedicated Microphone Analog-to-Digital Converter ! Sample Rate Converters ! S/PDIF Digital Audio Output ! AC ’97 2.1 Compliant ! PC Beep Bypass ! 20-bit Stereo Digital-to-Analog Converters ! 18-bit Stereo Analog-to-Digital Converters ! Three Analog Line-level Stereo Inputs for LINE IN, VIDEO, and AUX ! High Quality Pseudo-Differential CD Input ! Extensive Power Management Support ! Meets or Exceeds the Microsoft® PC 99 and PC 2001 Audio Performance Requirements Description The CS4205 is an AC ’97 2.1 compliant stereo audio co- dec designed for PC multimedia systems. It uses industry leading CrystalClear® delta-sigma and mixed signal technology. The CS405 is the first Cirrus AC ’97 audio codec to feature digital centric mixing and digital effects. This advanced technology and these features are designed to help enable the design of PC 99 and PC 2001 compliant high-quality audio systems for desk- top, portable, and entertainment PCs. Coupling the CS4205 with a PCI audio accelerator or core logic supporting the AC ’97 interface implements a cost effective, superior quality audio solution. The CS4205 surpasses PC 99, PC 2001, and AC ’97 2.1 au- dio quality standards. ORDERING INFO CS4205-KQZ, Lead Free 48-pin TQFP 9x9x1.4 mm SIGNAL PROCESSING ENGINE LINE CD AUX VIDEO MIC1 MIC2 PHONE PC_BEEP LINE_OUT MONO_OUT ANALOG INPUT MUX AND OUTPUT MIXER AC-LINK AND AC '97 REGISTERS PCM_DATA GAIN / MUTE CONTROLS INPUT MUX Σ OUTPUT MIXER MIXER / MUX SELECTS AC- LINK PWR MGT TEST SYNC BIT_CLK SDATA_OUT SDATA_IN RESET# PCM_DATA SRC SRC ID0# ID1# GPIO S/PDIF SERIAL DATA PORT ZV PORT GPIO0/LRCLK GPIO1/SDOUT EAPD/SCLK SPDO/SDO2 18 bit ADC (2ch) 20 bit DAC (2ch) Σ INPUT MIXER AC '97 REG GPIO[2:4]/SDI[1:3] ZSCLK,ZSDATA,ZLRCLK 18 bit ADC (1ch) SRC MIC_PCM_DATA JULY '05 DS489PP4 |
Similar Part No. - CS4297 |
|
Similar Description - CS4297 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |