Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5361 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5361
Description  114 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5361 Datasheet(HTML) 2 Page - Cirrus Logic

  CS5361_05 Datasheet HTML 1Page - Cirrus Logic CS5361_05 Datasheet HTML 2Page - Cirrus Logic CS5361_05 Datasheet HTML 3Page - Cirrus Logic CS5361_05 Datasheet HTML 4Page - Cirrus Logic CS5361_05 Datasheet HTML 5Page - Cirrus Logic CS5361_05 Datasheet HTML 6Page - Cirrus Logic CS5361_05 Datasheet HTML 7Page - Cirrus Logic CS5361_05 Datasheet HTML 8Page - Cirrus Logic CS5361_05 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CS5361
2
DS467F2
TABLE OF CONTENTS
1.0 CHARACTERISTICS AND SPECIFICATIONS ...................................................................... 4
Specified Operating Conditions ................................................................................................ 4
Absolute Maximum Ratings ...................................................................................................... 4
Analog Characteristics (CS5361-KSZ/KZZ).............................................................................. 5
Analog Characteristics (CS5361-DZZ) ..................................................................................... 6
Digital Filter Characteristics ...................................................................................................... 7
DC Electrical Characteristics .................................................................................................. 10
Digital Characteristics ............................................................................................................. 10
Switching Characteristics - Serial Audio Port.......................................................................... 11
2.0 PIN DESCRIPTIONS ............................................................................................................ 14
3.0 TYPICAL CONNECTION DIAGRAM .................................................................................... 15
4.0 APPLICATIONS .................................................................................................................... 16
4.1 Operational Mode/Sample Rate Range Select ................................................................ 16
4.2 System Clocking .............................................................................................................. 16
4.2.1 Slave Mode ......................................................................................................... 16
4.2.2 Master Mode ....................................................................................................... 17
4.3 Power-up Sequence ........................................................................................................ 18
4.4 Analog Connections .........................................................................................................18
4.5 High-pass Filter and DC Offset Calibration ..................................................................... 19
4.6 Overflow Detection ........................................................................................................... 19
4.6.1 OVFL Output Timing ........................................................................................... 19
4.7 Grounding and Power Supply Decoupling ....................................................................... 19
4.8 Synchronization of Multiple Devices ................................................................................ 19
5.0 PARAMETER DEFINITIONS ................................................................................................ 20
6.0 PACKAGE DIMENSIONS
.................................................................................................. 21
7.0 REVISION HISTORY ............................................................................................................ 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com