Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5461 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 6Page - Cirrus Logic CS5461 Datasheet HTML 7Page - Cirrus Logic CS5461 Datasheet HTML 8Page - Cirrus Logic CS5461 Datasheet HTML 9Page - Cirrus Logic CS5461 Datasheet HTML 10Page - Cirrus Logic CS5461 Datasheet HTML 11Page - Cirrus Logic CS5461 Datasheet HTML 12Page - Cirrus Logic CS5461 Datasheet HTML 13Page - Cirrus Logic CS5461 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
CS5461
10
DS546F2
ANALOG CHARACTERISTICS (Continued)
Notes: 4. The minimum FSCR is limited by the maximum allowed gain register value.
5. All outputs unloaded. All inputs CMOS level.
6. Definition for PSRR: VREFIN tied to VREFOUT, VA+ = VD+ = 5 V, a 150 mV (zero-to-peak) (60 Hz) sinewave is imposed onto the +5 V DC supply
voltage at VA+ and VD+ pins. The “+” and “-” input pins of both input channels are shorted to VA-. Then the CS5461 is commanded to continuous
conversion acquisition mode, and digital output data is collected for the channel under test. The (zero-to-peak) value of the digital sinusoidal output
signal is determined, and this value is converted into the (zero-to-peak) value of the sinusoidal voltage (measured in mV) that would need to be
applied at the channel’s inputs, in order to cause the same digital sinusoidal output. This voltage is then defined as Veq. PSRR is then (in dB):
7. When voltage level on PFMON is sagging, and LSD bit is at 0, the voltage at which LSD bit is set to 1.
8. If the LSD bit has been set to 1 (because PFMON voltage fell below PMLO), this is the voltage level on
PFMON at which the LSD bit can be permanently reset back to 0.
VOLTAGE REFERENCE
Notes: 9. The voltage at VREFOUT is measured across the temperature range. From these measurements the
following formula is used to calculate the VREFOUT Temperature Coefficient:.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
Power Supply Currents (Active State)
IA+
ID+ (VD+ = 5 V)
ID+ (VD+ = 3.3 V)
PSCA
PSCD
PSCD
-
-
-
1.3
2.9
1.7
-
-
-
mA
mA
mA
Power Consumption
Active State (VD+ = 5 V)
(Note 5)
Active State (VD+ = 3.3 V)
Stand-By State
Sleep State
PC
-
-
-
-
21
11.6
6.75
10
30
-
-
-
mW
mW
mW
µW
Power Supply Rejection Ratio (Note 6)
(Gain = 10)
Current Channel (50, 60 Hz)
(Gain = 50)
PSRR
PSRR
56
70
-
-
-
-
dB
dB
Power Supply Rejection Ratio (Note 6)
(Gain = 10)
Voltage Channel (50, 60 Hz)
PSRR
-
55
-
dB
PFMON Low-Voltage Trigger Threshold
(Note 7)
PMLO
2.3
2.45
-
V
PFMON High-Voltage Power-On Trip Point
(Note 8)
PMHI
-
2.55
2.7
V
Parameter
Symbol
Min
Typ
Max
Unit
Reference Output
Output Voltage
REFOUT
2.4
-
2.6
V
Temperature Coefficient
(Note 9)
TC
-
25
60
ppm/°C
Load Regulation
(Output Current 1 µA Source or Sink)
∆VR
-6
10
mV
Reference Input
Input Voltage Range
VREFIN
2.4
2.5
2.6
V
Input Capacitance
-
4
-
pF
Input CVF Current
-
25
-
nA
PSRR
20
150
Veq
---------
⎩⎭
⎨⎬
⎧⎫
log
⋅
=
(VREFOUTMAX - VREFOUTMIN)
VREFOUTAVG
(
1
T
AMAX - TAMIN
(
1.0 x 10
(
6
TC
VREF =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com