Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8130 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS8130
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS8130_05 Datasheet HTML 9Page - Cirrus Logic CS8130_05 Datasheet HTML 10Page - Cirrus Logic CS8130_05 Datasheet HTML 11Page - Cirrus Logic CS8130_05 Datasheet HTML 12Page - Cirrus Logic CS8130_05 Datasheet HTML 13Page - Cirrus Logic CS8130_05 Datasheet HTML 14Page - Cirrus Logic CS8130_05 Datasheet HTML 15Page - Cirrus Logic CS8130_05 Datasheet HTML 16Page - Cirrus Logic CS8130_05 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
BIT
NAME
VALUE
FUNCTION
AD3-0
Register Address
(4 bits of
transmitted address
+ MSB, which is the
shadow (SHDW) bit
state [Control Reg
#3]. All registers
have 4 data bits).
0_0000
0_0001
0_0010
0_0011
0_0100
0_0101
0_0110
0_0111
0_1000
0_1001
0_1010
0_1011
0_1100
0_1101
0_1110
0_1111
1_0000
1_0001
1_0010
1_0011
1_0100
1_0101
1_0110
1_0111
1_1000
1_1001
1_1010
1_1011
1_1100
1_1101
1_1110
1_1111
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Control register #1
Control register #2
Transmit Mode Register #1
Transmit Mode Register #2
Output Power register
Receive Mode register
Receive Sensitivity register #1
Receive Sensitivity register #2
Baud Rate Divider register #1
Baud Rate Divider register #2
Modulator Divider register #1
Modulator Divider register #2
Digital Output Pin Control register
Control Register #3
Reserved
Status register (read only)
TV Remote Receive Sample Rate & T Period Divider
TV Remote Receive Sample Rate & T Period Divider
TV Remote Receive Sample Rate & T Period Divider
TV Remote Transmit Bit Rate Divider #1
TV Remote Transmit Bit Rate Divider #2
Control Register #4
Reserved
Reserved
ASK Receive Timing Sensitivity register
Reserved
Reserved
Reserved
CS8130 Revision Level register (Read Only)
Reserved
Reserved (Resets to 1111; must not be changed)
Reserved (Resets to 1111; must not be changed)
CD3-0
Control Data
Contains control register data.
It is essential that all reserved registers and bits are not changed from their reset state. If reserved bits
are changed, then internal test modes may be invoked, which may change some input pins to output
pins, and may completely change the definition of some functions and signals. Reserved bits in regis-
ters, and reserved registers, may not return a known state when read, and should be ignored. Registers
28 and 15 are read only. Other non-reserved registers are write only. The CS8130 can be set to echo
back register write commands to verify correct reception of the control settings.
Control Data Byte Format
D7
D6
D5
D4
D3
D2
D1
D0
AD3
AD2
AD1
AD0
CD3
CD2
CD1
CD0
CS8130
DS134PP2
13
CS8130
DS134F1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com