Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8415A-CSZ Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS8415A-CSZ
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CSZ Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS8415A-CSZ Datasheet HTML 28Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 29Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 30Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 31Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 32Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 33Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 34Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 35Page - Cirrus Logic CS8415A-CSZ Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
32
DS470F4
CS8415A
10.HARDWARE MODE
The CS8415A has a hardware mode which allows using the device without a microcontroller. Hardware mode is
selected by connecting the H/S pin to VL+. Various pins change function in hardware mode, described in the hard-
ware mode pin definition section.
Hardware mode data flow is shown in Figure 10. Audio data is input through the AES3 receiver, and routed to the
serial audio output port. The PRO, COPY, ORIG, EMPH, and AUDIO channel status bits are output on pins. The
decoded C and U bits are also output, clocked at both edges of OLRCK (master mode only, see Figure 7).The cur-
rent audio sample is passed unmodified to the serial audio output port if the validity bit is high, or a parity, bi-phase,
or PLL lock error occurs.
10.1
Serial Audio Port Formats
In hardware mode, only a limited number of alternative serial audio port formats are available. Table 2 de-
fines the equivalent software mode bit settings for each format. Start-up options are shown in Table 3, and
allow choice of the serial audio output port as a master or slave, and the serial audio port format.
SOSF
SORES1/0
SOJUST
SODEL
SOSPOL SOLRPOL
OF1 - Left Justified
0
00
0
0
0
0
OF2 - I²S 24-bit data
0
00
0
1
0
1
OF3 - Right Justified, master mode only
0
00
1
0
0
0
OF4 - Direct AES3 data
0
11
0
0
0
0
Table 2. Equivalent Software Mode Bit Definitions
SDOUT
ORIG
EMPH
Function
LO
-
-
Serial Output Port is Slave
HI
-
-
Serial Output Port is Master
-
LO
LO
Left Justified
-
LO
HI
I²S 24-bit data
-
HI
LO
Right Justified
-
HI
HI
Direct AES3 data
Table 3. Hardware Mode Start-Up Options
Serial
Audio
O utput
AES3 Rx
&
Decoder
C & U bit Data Buffer
RXP
RXN
OLRCK
OSCLK
SDO UT
RM CK
RERR
COPY ORIG
EM PH
RCBL
PRO AUDIO
CHS
H/S
Power supply pins (VD+, VA+, DGN D, AGN D) & the reset pin (RST) and the PLL filter pin (FILT)
are omitted from this diagram. Please refer to the Typical Connection Diagram for hook-up details.
VL +
NVERR
C
U
Figure 10. Hardware Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com