Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9631302000ARTP Datasheet(PDF) 1 Page - 3M Electronics

Part # 9631302000ARTP
Description  3M™ Through-Board Socket
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9631302000ARTP Datasheet(HTML) 1 Page - 3M Electronics

  9631302000ARTP Datasheet HTML 1Page - 3M Electronics 9631302000ARTP Datasheet HTML 2Page - 3M Electronics 9631302000ARTP Datasheet HTML 3Page - 3M Electronics 9631302000ARTP Datasheet HTML 4Page - 3M Electronics 9631302000ARTP Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3M™ Through-Board Socket
2.54 mm, Single Row, Dual Entry, Surface Mount
963 Series
High temperature dielectric
“No lead” reflow solder compatible
Single row design, 3–30 pins
Mates with pin headers for board stacking
applications
Dual entry design allows mating from top side or
bottom side through the printed circuit board
•
•
•
•
•
Date Modified: October 16, 2008
TS-2190-C
Sheet 1 of 2
Physical
Insulation
Material: High Temperature Thermoplastic
Flammability:
UL 94V-0
Color:
Black
Contact
Material:
Copper Alloy
Plating
Underplating: 1.25–2.5 m [50–100 ’’] Nickel
Wiping Area: 0.25 m [10 ’’] Gold
Solder Tail Area: 1–3 m [40–118 ’’] Matte Tin
Electrical
Current Rating: 2 A
Insulation Resistance: > 5 x 10 8 Ohm at 100 V
DC
Withstanding Voltage: 1000 V
DC
Environmental
Temperature
Range:
-25 °C to +105 °C
Processing Temperature:
max. 260 °C (Profile per J-STD-020C)
Moisture Sensitivity Level:
1 (per J-STD-020C)
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of the 3M Company
For technical, sales or ordering information
call your Local 3M Service Center
UL File No.: E68080
See Regulatory Information Appendix for
chemical compliance information
•


Similar Part No. - 9631302000ARTP

ManufacturerPart #DatasheetDescription
logo
Heyco.
9631 HEYCO-9631 Datasheet
118Kb / 1P
LDPE Sheet Metal Plugs
logo
Schurter Inc.
9631.3100 SCHURTER-9631.3100 Datasheet
270Kb / 3P
Transipillars, a rugged insulated mounting system
13.05.2020
9631.3200 SCHURTER-9631.3200 Datasheet
270Kb / 3P
Transipillars, a rugged insulated mounting system
13.05.2020
9631.3300 SCHURTER-9631.3300 Datasheet
270Kb / 3P
Transipillars, a rugged insulated mounting system
13.05.2020
logo
Wurth Elektronik GmbH &...
963100042 WURTH-963100042 Datasheet
342Kb / 4P
WA-SBRRO Round Brass Spacers
002.000
More results

Similar Description - 9631302000ARTP

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
3M Pak 100 Wiremount Socket
28-Jan-2005
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
3M D Ribbon Wiremount Socket
09-Mar-2005
8350 3M-8350 Datasheet
321Kb / 4P
3M™ D Sub Socket
10-Jan-2007
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
3M™ Boardmount Socket
14-Feb-2008
9662046702AR 3M-9662046702AR Datasheet
276Kb / 5P
3M™ Through-Board Socket
16-Oct-2008
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
3M™ Boardmount Socket
24-Apr-2012
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
3M Wiremount Socket
12-Oct-2011
451 3M-451 Datasheet
376Kb / 9P
3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
Rev F
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com