Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTH08T220WAS Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T220WAS
Description  16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T220WAS Datasheet(HTML) 16 Page - Texas Instruments

Back Button PTH08T220WAS Datasheet HTML 12Page - Texas Instruments PTH08T220WAS Datasheet HTML 13Page - Texas Instruments PTH08T220WAS Datasheet HTML 14Page - Texas Instruments PTH08T220WAS Datasheet HTML 15Page - Texas Instruments PTH08T220WAS Datasheet HTML 16Page - Texas Instruments PTH08T220WAS Datasheet HTML 17Page - Texas Instruments PTH08T220WAS Datasheet HTML 18Page - Texas Instruments PTH08T220WAS Datasheet HTML 19Page - Texas Instruments PTH08T220WAS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
PTH08T220W, PTH08T221W
SLTS252K – NOVEMBER 2005 – REVISED JUNE 2009................................................................................................................................................... www.ti.com
Table 3. Input/Output Capacitors (continued)
Capacitor Characteristics
Quantity
Max
Output Bus
Max.
Capacitor Vendor,
Ripple
Working
Value
ESR
Physical
Input
Type Series (Style)
No
Turbo-
Current
Vendor Part No.
Voltage
(µF)
at 100
Size (mm)
Bus
Turbo-
Trans
at 85°C
kHz
Trans
Cap Type(2)
(Irms)
Nichicon, Aluminum
PM (Radial)
25 V
1000
43m
Ω
1520mA
18 × 15
1
≥ 2(7)
N/R(8)
UPM1E102MHH6
HD (Radial)
35 V
470
23m
Ω
1820mA
10 × 20
1
≥ 2(7)
N/R(8)
UHD1V471HR
Panasonic, Poly-Aluminum
2.0 V
390
5m
Ω
4000mA
7,3×4,3×4,2
N/R(9)
N/R(9)
B
≥ 2(10)
EEFSE0J391R(VO≤ 1.6V)
(11)
Sanyo
TPE, Poscap (SMD)
10 V
330
25m
Ω
3300mA
7,3×4,3
N/R(9)
1 ~ 3
C
≥ 1(10)
10TPE330MF(11)
TPE, Poscap (SMD)
2.5 V
470
7m
Ω
4400mA
7,3×4,3
N/R(9)
1 ~ 2
B
≥ 2(10)
2R5TPE470M7(VO≤ 1.8V)
(11)
TPD, Poscap (SMD)
2.5 V
1000
5m
Ω
6100mA
7,3×4,3
N/R(9)
1
B
≥ 1(10)
2R5TPD1000M5(VO≤ 1.8V)
(11)
SEP, OS-CON (Radial)
16 V
330
16m
Ω
4700mA
10 × 13
1
1 ~ 2
B
≥ 1(10)
16SEP330M
SEPC, OS-CON (Radial)
16 V
470
10m
Ω
6100mA
10 × 13
1
1 ~ 2
B
≥ 2(10)
16SEPC470M
SVP, OS-CON (SMD)
16 V
330
16m
Ω
4700mA
10 × 12,6
1
1 ~ 2(7)
B
≥ 1(10)(7)
16SVP330M
AVX, Tantalum
TPM Multianode
10 V
330
23m
Ω
3000mA
7,3×4,3×4,1
N/R(9)
1 ~ 3(7)
C
≥ 2(10)
TPME337M010R0035
TPS Series III (SMD)
10 V
330
40m
Ω
1830mA
7,3×4,3×4,1
N/R(9)
1 ~ 6(7)
N/R(8)
TPSE337M010R0040 (VO≤ 5V)
(12)
TPS Series III (SMD)
4 V
1000
25m
Ω
2400mA
7,3×6,1×3.5
N/R(9)
1 ~ 5(7)
N/R(8)
TPSV108K004R0035 (VO≤ 2.1V)
(12)
Kemet, Poly-Tantalum
T520 (SMD)
10 V
330
25m
Ω
2600mA
7,3×4,3×4,1
N/R(9)
1 ~ 3(7)
C
≥ 2(10)
T520X337M010ASE025(11)
T530 (SMD)
6.3 V
330
15m
Ω
3800mA
7,3×4,3×4,1
N/R(9)
2 ~ 3
B
≥ 2(10)
T530X337M010ASE015(11)
T530 (SMD)
4 V
680
5m
Ω
7300mA
7,3×4,3×4,1
N/R(9)
1
B
≥ 1(10)
T530X687M004ASE005 (VO≤ 3.5V)
(11)
T530 (SMD)
2.5 V
1000
5m
Ω
7300mA
7,3×4,3×4,1
N/R(9)
1
B
≥ 1(10)
T530X108M2R5ASE005 (VO≤ 2.0V)
(11)
Vishay-Sprague
597D, Tantalum (SMD)
10 V
330
35m
Ω
2500mA
7,3×5,7×4,1
N/R(9)
1 ~ 5
N/R(8)
597D337X010E2T
94SA, OS-CON (Radial)
16 V
470
20m
Ω
6080mA
12 × 22
1
1 ~ 3
C
≥ 2(10)
94SA477X0016GBP
94SVP OS-CON(SMD)
16 V
330
17m
Ω
4500mA
10 × 12,7
2
2 ~ 3
C
≥ 1(10)
94SVP337X06F12
Kemet, Ceramic X5R
16 V
10
2m
Ω
–
3225
1
≥ 1(13)
A(10)
C1210C106M4PAC
(SMD)
6.3 V
47
2m
Ω
N/R(9)
≥ 1(13)
A(10)
C1210C476K9PAC
Murata, Ceramic X5R
6.3 V
100
2m
Ω
–
3225
N/R(9)
≥ 1(13)
A(10)
GRM32ER60J107M
(SMD)
6.3 V
47
N/R(9)
≥ 1(13)
A(10)
GRM32ER60J476M
25 V
22
1
≥ 1(13)
A(10)
GRM32ER61E226K
16 V
10
1
≥ 1(13)
A(10)
GRM32DR61C106K
TDK, Ceramic X5R
6.3 V
100
2m
Ω
–
3225
N/R(9)
≥ 1(13)
A(10)
C3225X5R0J107MT
(SMD)
6.3 V
47
N/R(9)
≥ 1(13)
A(10)
C3225X5R0J476MT
16 V
10
1
≥ 1(13)
A(10)
C3225X5R1C106MT0
16 V
22
1
≥ 1(13)
A(10)
C3225X5R1C226MT
(7)
Total bulk nonceramic capacitors on the output bus with ESR
≥ 15mΩ to ≤ 30mΩ requires an additional 200
µF of ceramic capacitance.
(8)
Aluminum Electrolytic capacitor not recommended for the TurboTrans due to higher ESR × capacitance products. Aluminum and higher
ESR capacitors can be used in conjunction with lower ESR capacitance.
(9)
N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
(10) Required capacitors with TurboTrans. See the TurboTrans Application information for Capacitor Selection
Capacitor Types:
a. Type A = (100 < capacitance × ESR
≤ 1000)
b. Type B = (1,000 < capacitance × ESR
≤ 5,000)
c. Type C = (5,000 < capacitance × ESR
≤ 10,000)
(11) The voltage rating of this capacitor only allows it to be used for output voltage that is equal to or less than 80% of the working voltage.
(12) The voltage rating of this capacitor only allows it to be used for output voltage that is equal to or less than 50% of the working voltage.
(13) Any combination of ceramic capacitor values is limited to 500
µF for PTH08T220W and 5000 µF for PTH08T221W. The total
capacitance for PTH08T220W is limited to 10,000
µF which includes all ceramic and non-ceramic types.
16
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH08T220W PTH08T221W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com