Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR130LSFT1G Datasheet(PDF) 28 Page - Analog Devices

Part # MBR130LSFT1G
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MBR130LSFT1G Datasheet(HTML) 28 Page - Analog Devices

Back Button MBR130LSFT1G Datasheet HTML 24Page - Analog Devices MBR130LSFT1G Datasheet HTML 25Page - Analog Devices MBR130LSFT1G Datasheet HTML 26Page - Analog Devices MBR130LSFT1G Datasheet HTML 27Page - Analog Devices MBR130LSFT1G Datasheet HTML 28Page - Analog Devices MBR130LSFT1G Datasheet HTML 29Page - Analog Devices MBR130LSFT1G Datasheet HTML 30Page - Analog Devices MBR130LSFT1G Datasheet HTML 31Page - Analog Devices MBR130LSFT1G Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
Internal Flash Memory Interface
1-8
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
Internal Flash Memory Interface
Internal parallel flash memory of the ADSP-BF506F EZ-KIT Lite is a
4 MB (2M x 16 bits) Numonyx M58WT032 device, which is internal to
the processor. The address range for flash memory is 0x2000 0000 to
0x203F FFFF
.
Table 1-1. EZ-KIT Lite Internal Memory Map
Start Address
Content
0xFFE0 0000
CORE MEMORY MAPPED REGISTERS
0xFFC0 0000
SYSTEM MEMORY MAPPED REGISTERS
0xFFB0 1000
Reserved
0xFFB0 0000
INTERNAL SCRATCHPAD RAM (4K BYTES)
0xFFA1 4000
Reserved
0xFFA0 8000
Reserved
0xFFA0 4000
L1 INSTRUCTION SRAM/CACHE (16K BYTES)
0xFFA0 0000
L1 INSTRUCTION BANK A SRAM (16K BYTES)
0xFF80 8000
Reserved
0xFF80 4000
L1 DATA BANK A SRAM/CACHE (16K BYTES)
0xFF80 0000
L1 DATA BANK A SRAM (16K BYTES)
0xEF00 1000
Reserved
Table 1-2. EZ-KIT Lite External (Interface-Accessible) Memory Map
Start Address
Content
0xEF00 0000
BOOT ROM (4K BYTES)
0x2040 0000
Reserved
0x2000 0000
SYNC FLASH (32M BITS)
0x0000 0000
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com