Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Si1012R/X Datasheet(PDF) 1 Page - Texas Instruments

Part # Si1012R/X
Description  Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

Si1012R/X Datasheet(HTML) 1 Page - Texas Instruments

  Si1012R/X Datasheet HTML 1Page - Texas Instruments Si1012R/X Datasheet HTML 2Page - Texas Instruments Si1012R/X Datasheet HTML 3Page - Texas Instruments Si1012R/X Datasheet HTML 4Page - Texas Instruments Si1012R/X Datasheet HTML 5Page - Texas Instruments Si1012R/X Datasheet HTML 6Page - Texas Instruments Si1012R/X Datasheet HTML 7Page - Texas Instruments Si1012R/X Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Application Report
SLVA343A – June 2009 – Revised May 2010
Medium Integrated Power Solution Using a Dual DC/DC
Converter and an LDO
Ambreesh Tripathi
.......................................................................... PMP - DC/DC Low-Power Converters
ABSTRACT
This reference design is intended for users designing with the TMS320C6742, TMS320C6746,
TMS320C6748, or OMAP-L138 processor. Using sequenced power supplies, this reference design
describes a system having a 3.3-V input voltage and a high-efficiency dc/dc converter with integrated
FETs for a small, simple design.
Sequenced power supply architectures are becoming commonplace in high-performance microprocessor
and digital signal processor (DSP) systems. To save power and increase processing speeds, processor
cores have smaller geometry cells and require lower supply voltages than the system bus voltages. Power
management in these systems requires special attention. This application report addresses these topics
and suggests solutions for output voltage sequencing.
Contents
1
Introduction
.................................................................................................................. 2
2
Power Requirements
....................................................................................................... 2
3
Features
...................................................................................................................... 3
4
Bill of Materials
.............................................................................................................. 6
List of Figures
1
PMP4978 Reference Design Schematic
................................................................................. 4
2
Optional Circuit for DVDD_A, DVDD_B and DVDD_C
................................................................. 5
3
Sequencing in Start-up Waveform
........................................................................................ 7
4
Efficiency V
OUT2 = 1.8 V .....................................................................................................
7
5
Efficiency V
OUT1 = 1.1 V .....................................................................................................
7
List of Tables
1
Power Requirements
....................................................................................................... 2
2
PMP4978 Bill of Materials
................................................................................................. 6
EasyScale is a trademark of Texas Instruments.
1
SLVA343A – June 2009 – Revised May 2010
Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - Si1012R/X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
25-Oct-00
SI1012R VISHAY-SI1012R Datasheet
94Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
28-Feb-05
SI1012R VISHAY-SI1012R Datasheet
108Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
07-Jul-08
SI1012R VISHAY-SI1012R Datasheet
204Kb / 10P
N-Channel 1.8 V (G-S) MOSFET
25-Oct-10
SI1012R VISHAY-SI1012R Datasheet
235Kb / 11P
N-Channel 1.8 V (G-S) MOSFET
15-Apr-13
More results

Similar Description - Si1012R/X

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
logo
Linear Technology
LTC3100 LINER-LTC3100 Datasheet
411Kb / 24P
1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
logo
Texas Instruments
SLVA339A TI-SLVA339A Datasheet
253Kb / 9P
High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
High-Efficiency Power Solution Using DC/DC Converter With DVFS
logo
Analog Devices
ADUM5010 AD-ADUM5010 Datasheet
476Kb / 16P
The ADuM50101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
Texas Instruments
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 30P
Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
logo
Linear Technology
LTC3100 LINER-LTC3100_15 Datasheet
409Kb / 26P
1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
logo
Texas Instruments
TPS54122-Q1 TI-TPS54122-Q1_15 Datasheet
2Mb / 40P
TPS54122-Q1 Dual-Output, 3-A, QuietSupply??with Integrated DC-DC Converter and Low-Noise LDO
TPS54122 TI1-TPS54122 Datasheet
2Mb / 40P
Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
logo
Linear Technology
LTC3105EDD LINER-LTC3105EDD Datasheet
230Kb / 6P
DC/DC Converter with Power Point Control and LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com