Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD85004 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD85004
Description  RF power transistor the LdmoST plastic family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD85004 Datasheet(HTML) 1 Page - STMicroelectronics

  PD85004 Datasheet HTML 1Page - STMicroelectronics PD85004 Datasheet HTML 2Page - STMicroelectronics PD85004 Datasheet HTML 3Page - STMicroelectronics PD85004 Datasheet HTML 4Page - STMicroelectronics PD85004 Datasheet HTML 5Page - STMicroelectronics PD85004 Datasheet HTML 6Page - STMicroelectronics PD85004 Datasheet HTML 7Page - STMicroelectronics PD85004 Datasheet HTML 8Page - STMicroelectronics PD85004 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
August 2008
Rev 2
1/18
18
PD85004
RF power transistor
the LdmoST plastic family
Features
Excellent thermal stability
Common source configuration
Broadband performances
POUT = 4 W with 17 dB gain @ 870 MHz
Plastic package
ESD protection
Supplied in tape and reel
In compliance with the 2002/95/EC european
directive
Description
The PD85004 is a common source N-channel,
enhancement-mode lateral
field-effect RF power
transistor. It is designed for high gain, broad band
commercial and industrial applications. It
operates at 13.6 V in common source mode at
frequencies of up to 1 GHz.
PD85004’s superior gain and efficiency makes it
an ideal solution for mobile radio.
Figure 1.
Pin connection
SOT-89
Source
Gate
Source
Drain
Table 1.
Device summary
Order code
Marking
Package
Packaging
PD85004
8504
SOT-89
Tape and reel
www.st.com


Similar Part No. - PD85004

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PD8500 AAEON-PD8500 Datasheet
2Mb / 2P
Sunlight, Daylight Readable LCD : 1000 nlts
logo
STMicroelectronics
PD85006-E STMICROELECTRONICS-PD85006-E Datasheet
274Kb / 17P
Excellent thermal stability
04-Aug-2010
logo
List of Unclassifed Man...
PD85006L ETC1-PD85006L Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
PD85006L-E STMICROELECTRONICS-PD85006L-E Datasheet
568Kb / 17P
RF power transistor the LdmoST plastic family
06-Dec-2007
More results

Similar Description - PD85004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD57002 STMICROELECTRONICS-PD57002 Datasheet
131Kb / 16P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
07-Mar-2003
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
Jun-2000
PD55003L-E STMICROELECTRONICS-PD55003L-E Datasheet
200Kb / 19P
RF POWER TRANSISTOR The LdmoST Plastic FAMILY
14-Feb-2006
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
RF power transistors The LdmoST Plastic family
23-Jan-2007
PD84002 STMICROELECTRONICS-PD84002 Datasheet
584Kb / 16P
RF power transistor The LdmoST plastic family
05-Dec-2007
PD85006L-E STMICROELECTRONICS-PD85006L-E Datasheet
568Kb / 17P
RF power transistor the LdmoST plastic family
06-Dec-2007
PD84001 STMICROELECTRONICS-PD84001 Datasheet
462Kb / 18P
RF power transistor the LdmoST plastic family
25-Aug-2008
STAP57100 STMICROELECTRONICS-STAP57100 Datasheet
181Kb / 8P
RF power transistor the LdmoST family
08-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com