Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10HSI-S008-R0-C Datasheet(PDF) 66 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 66 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 62Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 63Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 64Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 65Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 66Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 67Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 68Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 69Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 70Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 66
Note: We measured crosstalk values of the inner wafer’s pairs with respect to the center pair and
replicated them to the outer column 1.
5.2.3 Impedance profile
From the time domain results, the impedance profile is extracted and compared with simulation
results, as shown in Figure 110.
Figure 110 Impedance profile comparison between measurements and simulation for center differential pair @60ps rise time (20% to
80%) and 5.25GHz BW
5.3 Single-ended Signals
5.3.1 Measurement vs. Simulation Correlation (connector only)
Figure 112 and Figure 113 show the measurement vs. simulation correlation of insertion loss
(IL), return loss (RL) and single-ended S parameters (SDD for the center port 15 (as shown in
Figure 111). Good correlation was observed for all IL, RL, near-end cross-talk (NEXT), and far-end
cross-talk (FEXT).
Figure 111 Single-ended NEXT and FEXT for center port 15 were measured for 14 surrounding neighbors
Zmea max = 110.55 Ω
Zsim max = 105.11 Ω
Zsim min = 98.02Ω
Zmea max = 98.50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com