Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4901-E/MC Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP4901-E/MC
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4901-E/MC Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP4901-E/MC Datasheet HTML 26Page - Microchip Technology MCP4901-E/MC Datasheet HTML 27Page - Microchip Technology MCP4901-E/MC Datasheet HTML 28Page - Microchip Technology MCP4901-E/MC Datasheet HTML 29Page - Microchip Technology MCP4901-E/MC Datasheet HTML 30Page - Microchip Technology MCP4901-E/MC Datasheet HTML 31Page - Microchip Technology MCP4901-E/MC Datasheet HTML 32Page - Microchip Technology MCP4901-E/MC Datasheet HTML 33Page - Microchip Technology MCP4901-E/MC Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
MCP4901/4911/4921
DS22248A-page 30
 2010 Microchip Technology Inc.
6.5
Bipolar Operation
Bipolar operation is achievable using the MCP4901/
4911/4921 family devices by using an external
operational amplifier (op amp). This configuration is
desirable due to the wide variety and availability of op
amps. This allows a general purpose DAC, with its cost
and availability advantages, to meet almost any
desired output voltage range, power and noise
performance.
Example 6-3 illustrates a simple bipolar voltage source
configuration. R1 and R2 allow the gain to be selected,
while R3 and R4 shift the DAC's output to a selected
offset. Note that R4 can be tied to VREF instead of VSS
if a higher offset is desired. Note that a pull-up to VREF
could be used, instead of R4, if a higher offset is
desired.
EXAMPLE 6-3:
DIGITALLY-CONTROLLED BIPOLAR VOLTAGE SOURCE.
6.5.1
DESIGN EXAMPLE: DESIGN A BIPOLAR
DAC USING EXAMPLE 6-3 WITH 12-BIT
MCP4912 OR MCP4922
An output step magnitude of 1 mV with an output range
of ±2.05V is desired for a particular application.
The following steps show the details:
1.
Calculate the range: +2.05V – (-2.05V) = 4.1V.
2.
Calculate the resolution needed:
4.1V/1 mV = 4100
Since 212 = 4096, 12-bit resolution is desired.
3.
The amplifier gain (R2/R1), multiplied by VREF,
must be equal to the desired minimum output to
achieve bipolar operation. Since any gain can
be
realized
by
choosing
resistor
values
(R1 +R2), the VREF source needs to be deter-
mined first. If a VREF of 4.1V is used, solve for
the gain by setting the DAC to 0, knowing that
the output needs to be -2.05V. The equation can
be simplified to:
4.
Next, solve for R3 and R4 by setting the DAC to
4096, knowing that the output needs to be
+2.05V.
VREF
VREF
VDD
SPI
3
VOUT
R3
R4
R1
VIN+
0.1 µF
VCC+
VCC–
VO
V
IN+
V
OUTR4
R
3
R
4
+
--------------------
=
V
O
V
IN+ 1
R
2
R
1
------
+


V
DD
R
2
R
1
------


–
=
G = Gain selection (1x or 2x)
Dn = Digital value of DAC (0 – 255) for MCP4901/MCP4902
V
OUT
V
REF
G
D
n
2
N
------

=
= Digital value of DAC (0 – 1023) for MCP4911/MCP4912
= Digital value of DAC (0 – 4095) for MCP4921/MCP4922
N = DAC Bit Resolution
DAC
MCP4901
MCP4911
MCP4921
(a) Single Output DAC:
(b) Dual Output DAC:
MCP4902
MCP4912
MCP4922
R
2
–
R
1
---------
2.05
–
V
REF
-------------
2.05
–
4.1
-------------
==
If R1 = 20 k and R2 = 10 k, the gain will be 0.5
R
2
R
1
------
1
2
---
=
R
4
R
3
R
4
+

-----------------------
2.05V
0.5V
REF
+
1.5V
REF
-----------------------------------------
2
3
---
==
If R4 = 20 k, then R3 = 10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com