Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4901-E/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP4901-E/MS
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4901-E/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP4901-E/MS Datasheet HTML 11Page - Microchip Technology MCP4901-E/MS Datasheet HTML 12Page - Microchip Technology MCP4901-E/MS Datasheet HTML 13Page - Microchip Technology MCP4901-E/MS Datasheet HTML 14Page - Microchip Technology MCP4901-E/MS Datasheet HTML 15Page - Microchip Technology MCP4901-E/MS Datasheet HTML 16Page - Microchip Technology MCP4901-E/MS Datasheet HTML 17Page - Microchip Technology MCP4901-E/MS Datasheet HTML 18Page - Microchip Technology MCP4901-E/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
 2010 Microchip Technology Inc.
DS22248A-page 15
MCP4901/4911/4921
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VREF = 2.50V, Gain = 2, RL = 5 k, CL = 100 pF.
FIGURE 2-35:
Multiplier Mode Bandwidth.
FIGURE 2-36:
-3 db Bandwidth vs. Worst
Codes.
FIGURE 2-37:
Phase Shift.
-12
-10
-8
-6
-4
-2
0
100
1,000
Frequency (kHz)
D = 160
D = 416
D = 672
D = 928
D = 1184
D = 1440
D = 1696
D = 1952
D = 2208
D = 2464
D = 2720
D = 2976
D = 3232
D = 3488
D = 3744
Figure 2-35 calculation:
Attenuation (dB) = 20 log (VOUT/VREF) – 20 log (G(D/4096))
400
420
440
460
480
500
520
540
560
580
600
Worst Case Codes (decimal)
G = 1
G = 2
-180
-135
-90
-45
0
100
1,000
Frequency (kHz)
D = 160
D = 416
D = 672
D = 928
D = 1184
D = 1440
D = 1696
D = 1952
D = 2208
D = 2464
D = 2720
D = 2976
D = 3232
D = 3488
D = 3744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com