Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXFN260N17T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFN260N17T
Description  GigaMOS Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN260N17T Datasheet(HTML) 2 Page - IXYS Corporation

  IXFN260N17T Datasheet HTML 1Page - IXYS Corporation IXFN260N17T Datasheet HTML 2Page - IXYS Corporation IXFN260N17T Datasheet HTML 3Page - IXYS Corporation IXFN260N17T Datasheet HTML 4Page - IXYS Corporation IXFN260N17T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFN260N17T
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1: Pulse Test, t
≤ 300μs; Duty Cycle, d ≤ 2%.
SOT-227B (IXFN) Outline
(M4 screws (4x) supplied)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 60A, Note 1
105
170
S
C
iss
24
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
2870
pF
C
rss
450
pF
t
d(on)
54
ns
t
r
40
ns
t
d(off)
90
ns
t
f
40
ns
Q
g(on)
400
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 130A
108
nC
Q
gd
116
nC
R
thJC
0.138
°C/W
R
thCS
0.05
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
260
A
I
SM
Repetitive, Pulse Width Limited by T
JM
1040
A
V
SD
I
F = 60A, VGS = 0V, Note 1
1.3
V
t
rr
200 ns
Q
RM
0.56
μC
I
RM
9.00
A
Resistive Switching Times
V
GS = 15V, VDS = 0.5 • VDSS, ID = 100A
R
G = 1Ω (External)
I
F = 130A, VGS = 0V
-di/dt = 100A/
μs
V
R = 75V
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com