Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6563S Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6563S
Description  Enhanced transition-mode PFC controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563S Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6563S Datasheet HTML 25Page - STMicroelectronics L6563S Datasheet HTML 26Page - STMicroelectronics L6563S Datasheet HTML 27Page - STMicroelectronics L6563S Datasheet HTML 28Page - STMicroelectronics L6563S Datasheet HTML 29Page - STMicroelectronics L6563S Datasheet HTML 30Page - STMicroelectronics L6563S Datasheet HTML 31Page - STMicroelectronics L6563S Datasheet HTML 32Page - STMicroelectronics L6563S Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
L6563S
Application information
Doc ID 16116 Rev 3
29/42
1.
Determine the input RMS voltage Vinclamp that produces Vo = Vox:
and choose a value Vinx such that Vin2 Vinx < Vinclamp. This will result in a limitation
of the output voltage range below Vox (it will equal Vox if one chooses Vinx = Vinclamp)
2.
Determine the divider ratio of the MULT pin (#3) bias:
and check that at minimum mains voltage Vin1 the peak voltage on pin 3 is greater than
0.65 V.
3.
Determine R1, the upper resistor of the output divider, for instance 3 M
Ω.
4.
Calculate the lower resistor R2 of the output divider and the adjustment resistor RT:
5.
Check that the maximum current sourced by the TBO pin (#6) does not exceed the
maximum specified (0.2 mA):
Figure 40
shows the internal block diagram of the tracking boost function.
Figure 40.
Tracking boost block
1
1
2
2
2
1
2
1
clamp
Vin
Vo
Vo
Vo
Vox
Vin
Vo
Vo
Vo
Vox
Vin
=
x
Vin
2
3
k
=
()
(
)
⎪⎪
=
=
1
2
1
2
T
1
2
2
1
1
2
Vo
Vo
Vin
Vin
1
R
k
2
R
Vin
5
.
2
Vo
Vin
5
.
2
Vo
Vin
Vin
1
R
5
.
2
2
R
3
T
max
TBO
10
2
.
0
R
3
I
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com